Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH13ZPX-R

  • AI
    The **M3EH13ZPX-R** is a high-performance oscillator, typically categorized as a **TCXO (Temperature Compensated Crystal Oscillator)** or a high-stability clock source manufactured by providers like MtronPTI. These components are critical in telecommunications and networking for maintaining precise frequency timing under varying environmental conditions. --- ### 1. Key Technical Specifications The "M3EH" series generally follows a specific architectural standard. Below is a breakdown of the typical electronic characteristics for this part: | Parameter | Typical Value / Range | | :--- | :--- | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage (Vcc)** | 3.3V DC | | **Frequency Range** | Usually 10.000 MHz to 250.000 MHz | | **Stability** | ±1 ppm to ±5 ppm (Temperature Compensated) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 5.0 x 7.0 mm (6-pad Surface Mount) | --- ### 2. Electronic Components & Internal Architecture The M3EH13ZPX-R is not a simple quartz crystal; it is an integrated timing system consisting of several sub-components: 1. **Quartz Crystal Resonator:** The heart of the unit, providing the fundamental mechanical vibration. 2. **Compensation Network:** A specialized circuit (analog or digital) that senses temperature changes and adjusts a varactor diode to pull the crystal frequency back to its nominal value. 3. **Output Buffer (LVPECL):** A differential output stage that provides high-speed, low-jitter signals suitable for driving long PCB traces or high-speed FPGAs. 4. **Voltage Regulator:** Internal circuitry to ensure that small fluctuations in the input power supply do not affect the frequency stability. --- ### 3. Application Areas Because of its LVPECL output and high stability, this part is used in: * **SONET/SDH:** Synchronous optical networking. * **Ethernet Switches:** 10GbE and 40GbE backbone hardware. * **Wireless Infrastructure:** Base stations where precise timing is required for signal synchronization. --- ### 4. Part Number Decoding (Typical) While exact coding varies by manufacturer, the suffix usually denotes specific environmental or packaging traits: * **M3EH:** Series identifier (TCXO, 3.3V, LVPECL). * **13:** Often represents the frequency stability (e.g., ±1.0 ppm). * **Z:** May denote the operating temperature range (e.g., -40/85°C). * **PX:** Specific internal revision or phase noise profile. * **-R:** Indicates compliance with **RoHS** (Lead-free) or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for a 6-pad 7x5mm TCXO?
    • ⤷ How does LVPECL logic differ from LVDS in high-speed clocking?
    • ⤷ What is the phase jitter performance of the M3EH series?