Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH14XQG-R

  • AI
    The **M3EH14XQG-R** is a specific part number typically associated with high-performance memory modules, specifically **DDR5 SDRAM** components manufactured by **SK hynix**. These chips are commonly found on high-end desktop RAM sticks (UDIMMs) or server modules (RDIMMs). --- ### 1. Technical Specifications Below is a breakdown of the typical technical characteristics for this electronic component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | SK hynix | | **Memory Type** | DDR5 SDRAM | | **Density** | 16Gb (2GB) or 24Gb (3GB) per die | | **Generation** | M-Die or A-Die (Revision dependent) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Voltage (VDD/VDDQ)** | 1.1V (Standard JEDEC) | | **On-Die ECC** | Supported | --- ### 2. Key Internal Components To understand the "electronic parts" within this IC, we must look at the architecture of a DDR5 chip: 1. **Memory Array:** The core of the chip consisting of billions of capacitors and transistors organized into banks, groups, and ranks to store data bits. 2. **On-Die ECC (Error Correction Code):** Unlike previous generations, DDR5 chips like the M3EH14XQG-R include internal error correction to improve reliability at high frequencies. 3. **Command/Address (CA) Latches:** These receive signals from the CPU to determine which memory location is being accessed. 4. **DQ (Data Input/Output) Pins:** The physical interface points (solder balls) that transfer data between the memory die and the PCB. 5. **Internal Voltage Regulators:** While the motherboard provides power, the chip manages internal power distribution to maintain signal integrity. --- ### 3. Part Number Decoding (Typical SK hynix Logic) While full internal datasheets are often proprietary, the alphanumeric string can be broken down: * **M:** Memory (Semiconductor) * **3:** DDR5 Generation * **EH:** Density/Configuration indicators * **14:** Speed grade or timing characteristics * **XQG:** Package and Temperature rating * **-R:** Revision or Packaging code (e.g., Tape and Reel) --- ### 4. Applications Because of its high clock speeds and low latency potential, this specific part is favored in: * **Overclocking Memory:** Used by brands like G.Skill or Corsair for high-performance kits. * **Data Centers:** High-density server modules requiring low power consumption. * **Workstations:** For memory-intensive tasks like 3D rendering and AI model training.
    ✨ Follow-up Questions
    • ⤷ Is this chip considered SK hynix A-die or M-die for overclocking?
    • ⤷ What is the maximum MT/s (Megatransfers per second) supported by this part?
    • ⤷ How do I identify this chip on a physical RAM module?