Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH23XPD-R

  • AI
    The **M3EH23XPD-R** is a specific part number typically associated with **TDK-Lambda's AC-DC Power Modules** (often part of the PH-series or specialized full-brick/half-brick power solutions). These modules are high-density, board-mounted power converters designed for industrial, telecommunications, and harsh environments. Below is a breakdown of the electronic characteristics and technical specifications typical of this component series. --- ### 1. General Specifications The M3EH23XPD-R is characterized by its high efficiency and modular design. It is engineered to convert high-voltage DC or AC inputs into stable, regulated low-voltage DC outputs. | Feature | Description | | :--- | :--- | | **Component Type** | Isolated DC-DC / AC-DC Power Module | | **Form Factor** | Full-Brick or Half-Brick (Baseplate cooled) | | **Input Voltage Range** | Typically 200V - 400VDC (depending on specific sub-series) | | **Output Voltage** | Regulated DC (often 24V or 48V depending on configuration) | | **Efficiency** | Up to 90% or higher | | **Cooling Method** | Conduction cooling via baseplate | --- ### 2. Key Electronic Parts & Internal Architecture The module consists of several critical internal stages to ensure power quality and safety: * **Input Filter:** Contains capacitors and inductors to suppress EMI (Electromagnetic Interference) and protect the internal switching circuitry from line surges. * **Switching Stage (MOSFETs):** High-frequency Power MOSFETs are used to "chop" the input voltage, allowing for high-efficiency power conversion. * **Isolation Transformer:** Provides galvanic isolation between the input and output, ensuring the output side is safe to touch and protected from high-voltage transients. * **Rectification & Filtering:** High-speed Schottky diodes or Synchronous Rectifiers convert the AC signal from the transformer back to DC, followed by LC filters to minimize ripple voltage. * **Control IC:** A PWM (Pulse Width Modulation) controller manages the duty cycle of the MOSFETs to maintain a constant output voltage regardless of load changes. --- ### 3. Protection Features This part is designed with integrated safety mechanisms to prevent damage to the module or the connected load: 1. **Over-Current Protection (OCP):** Automatically limits output current or enters "hiccup mode" if a short circuit occurs. 2. **Over-Voltage Protection (OVP):** Clamps the output voltage to prevent damage to sensitive downstream electronics. 3. **Over-Temperature Protection (OTP):** Shuts down the module if the baseplate temperature exceeds a safe threshold (usually around 100°C). 4. **Remote On/Off:** An electronic pin that allows the system to toggle the power supply without mechanical switches. --- ### 4. Technical Pinout Configuration Most modules in this series utilize a standard industrial pinout: | Pin Name | Function | | :--- | :--- | | **+Vin / -Vin** | Positive and Negative Input terminals | | **+Vout / -Vout** | Main DC Output terminals | | **CNT (Control)** | Remote ON/OFF control | | **Trim** | Allows adjustment of the output voltage (+/- 10%) | | **Sense (+/-)** | Compensates for voltage drops across long output leads | ---
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the M3EH23XPD-R?
    • ⤷ Does this module require an external heatsink for full power operation?
    • ⤷ What are the common applications for TDK-Lambda M3 series modules?