Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH25XPD-R

  • AI
    The **M3EH25XPD-R** is a specific technical part number, typically associated with high-performance **Micro-Motor** or **Brushless DC (BLDC) motor** assemblies, often used in precision medical devices, robotics, or aerospace applications. Below is a breakdown of the electronic and mechanical components typically found within this type of part. --- ### 1. Component Specifications The "M3EH" series usually refers to high-torque, electronically commutated motors. Here is a general technical overview: | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet Synchronous | | **Input Voltage** | Typically 12V to 24V DC | | **Commutation** | Electronic (requires an external or integrated driver) | | **Encoder Type** | Integrated Hall Effect sensors or Optical Encoder | | **Housing Material** | Aluminum or Stainless Steel (EMI Shielded) | --- ### 2. Key Electronic Parts & Sub-systems #### A. Stator and Rotor Assembly * **Stator:** Consists of high-density copper windings. In the "E" (Electronic) series, these are often wound for high efficiency and low heat dissipation. * **Rotor:** Features high-grade Neodymium magnets to provide maximum torque-to-weight ratio. #### B. Feedback System (The "XPD" Designation) The suffix often indicates the feedback and precision control electronics: * **Integrated Sensors:** Contains Hall Effect sensors that detect the position of the rotor to manage electronic commutation. * **Pulse Output:** Provides high-resolution feedback (Pulses Per Revolution) to a Microcontroller (MCU) for precise speed and position control. #### C. Connectivity and Protection * **Lead Wires/Connector:** High-flexibility ribbon or discrete wires, often color-coded (Red/Black for Power, White/Yellow/Blue for Phases, and additional wires for sensors). * **Thermal Protection:** May include an internal thermistor to shut down the unit if internal temperatures exceed safety limits. --- ### 3. Application Use Cases This part is engineered for environments where standard brushed motors would fail due to friction or EMI interference. 1. **Medical Pumps:** Used in infusion pumps where precise fluid delivery is critical. 2. **Robotic Actuators:** Small-scale joints requiring high holding torque and positioning. 3. **Optical Equipment:** Focusing mechanisms for high-end industrial cameras. --- ### 4. Technical Integration Example To control this part, you would typically interface it with a **3-Phase Bridge Driver**. ```cpp // Pseudocode for motor initialization void setupMotor() { pinMode(PWM_PIN, OUTPUT); pinMode(HALL_A, INPUT); pinMode(HALL_B, INPUT); pinMode(HALL_C, INPUT); // Set frequency for smooth BLDC operation analogWriteFrequency(PWM_PIN, 20000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact torque rating for the M3EH25XPD-R?
    • ⤷ Does this model require an external ESC (Electronic Speed Controller)?
    • ⤷ What are the pinout configurations for the sensor wires?