Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH26ZPD-R

  • AI
    The **M3EH26ZPD-R** belongs to a specific category of high-performance components, typically identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specialized clock generator produced by manufacturers like MtronPTI. These parts are critical for maintaining timing accuracy in communication systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | TCXO / Clock Oscillator | Temperature Compensated Crystal Oscillator. | | **Output Type** | LVPECL / LVDS | High-speed differential signals for low noise. | | **Supply Voltage** | 3.3V (Typical) | Common operating voltage for digital circuits. | | **Frequency Stability** | ±1.0 ppm to ±2.5 ppm | Maintains precision across temperature ranges. | | **Package Size** | 5.0 x 7.0 mm | Standard 6-pad surface mount (SMD) footprint. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature rating. | --- ### 2. Core Electronic Functions #### A. Temperature Compensation Unlike standard crystals that drift as the environment gets hotter or colder, the "EH" series includes an internal compensation circuit. This circuit senses ambient temperature and adjusts the load capacitance of the crystal to keep the output frequency stable. #### B. Differential Signaling (LVPECL/LVDS) The "Z" and "PD" designators often refer to the output logic type. Differential signaling is used to: * **Reduce Electromagnetic Interference (EMI):** Signals cancel out each other's noise. * **Increase Speed:** Allows for clock frequencies into the hundreds of MHz. #### C. Phase Jitter Performance These parts are engineered for **Low Phase Jitter**. In electronic terms, this means the "edges" of the clock signal are extremely sharp and consistent, which prevents data errors in high-speed networking (like Ethernet or Fiber Channel). --- ### 3. Common Applications Due to its stability and high-speed output, this part is found in: 1. **Telecommunications:** Base stations and small cells. 2. **Networking:** High-end switches and routers (10G/40G/100G interfaces). 3. **Test & Measurement:** Precision lab equipment requiring a stable time base. 4. **Avionics:** Systems where vibration and temperature changes are constant. --- ### 4. Typical Pin Configuration Most oscillators in this 7x5mm package follow a standard 6-pin layout: ```markdown 1. E/D (Enable/Disable) or NC 2. No Connect 3. Ground (Case) 4. Output (Q) 5. Complimentary Output (nQ) 6. Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3EH26ZPD-R variant?
    • ⤷ Can you explain the difference between TCXO and OCXO in terms of power consumption?
    • ⤷ What are the recommended decoupling capacitor values for this oscillator?