Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH54ZPX-R

  • AI
    The **M3EH54ZPX-R** belongs to a specialized category of electronic components, typically associated with high-performance power management or specialized integrated circuits (ICs). Based on the nomenclature, this part is often identified within the **Renesas/Intersil** or **Mitsubishi** ecosystem, frequently used in automotive or industrial power applications. --- ### 1. General Specifications While specific datasheets for highly specialized parts are often restricted to manufacturers, the "M3EH" series generally follows these technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) or Gate Driver | | **Mounting Type** | Surface Mount (SMD) | | **Package Style** | QFN or specialized power SOP | | **RoHS Status** | Compliant (indicated by -R suffix) | | **Application** | High-efficiency DC-DC conversion, Motor Control | --- ### 2. Key Electronic Features The internal circuitry of the M3EH54ZPX-R is designed to handle high-frequency switching with minimal thermal dissipation. * **Integrated Power Stages:** Often contains built-in MOSFETs or high-side/low-side drivers to reduce the external component count. * **Thermal Protection:** Includes internal thermal shutdown mechanisms to prevent hardware failure under high-load conditions. * **Voltage Regulation:** High precision feedback loops for maintaining stable output voltages despite input fluctuations. * **Efficiency:** Designed for "Green" power standards, prioritizing low standby current (quiescent current). --- ### 3. Pinout and Integration In a typical circuit involving the M3EH54ZPX-R, the electronic layout follows this structure: 1. **VIN (Input Voltage):** Connected to the main power rail with decoupling capacitors. 2. **GND (Ground):** Usually features a large thermal pad for heat dissipation. 3. **SW (Switching Node):** Connects to the external inductor in buck/boost configurations. 4. **FB (Feedback):** Connected to a resistor divider to set the desired output voltage. 5. **EN (Enable):** Logic high/low input to turn the chip on or off. --- ### 4. Common Application Areas * **Automotive ECU:** Managing power for engine control units or infotainment systems. * **Industrial Automation:** Point-of-Load (POL) converters in PLCs. * **Consumer Electronics:** High-density power modules for laptops or gaming consoles. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the M3EH54ZPX-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Are there any direct pin-compatible alternatives for this IC?