Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH56XPD-R

  • AI
    The **M3EH56XPD-R** is a specific optical transceiver module, typically categorized as a **10G SFP+ (Small Form-factor Pluggable Plus)** component. These modules are critical in networking hardware for converting electrical signals into optical signals (and vice versa) for high-speed data transmission. --- ### 1. Technical Specifications Below is a breakdown of the primary technical attributes associated with this class of electronic part: | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) | | **Data Rate** | 10.3125 Gbps (standard 10G Ethernet) | | **Wavelength** | Usually 850nm (Short Reach) or 1310nm (Long Reach) | | **Connector Type** | Duplex LC | | **Media Type** | Multi-Mode Fiber (MMF) or Single-Mode Fiber (SMF) | | **Supply Voltage** | 3.3V | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Key Electronic Components The internal architecture of the M3EH56XPD-R consists of several sophisticated sub-components: #### A. The Transmitter Path (Electrical to Optical) * **Laser Driver:** An integrated circuit (IC) that modulates the electrical input into a current suitable for driving the laser. * **Laser Diode (TOSA):** The **Transmitter Optical Sub-Assembly**. For 10G modules, this is often a VCSEL (Vertical-Cavity Surface-Emitting Laser) for short distances or a DFB (Distributed Feedback) laser for long distances. #### B. The Receiver Path (Optical to Electrical) * **Photodetector (ROSA):** The **Receiver Optical Sub-Assembly**, usually a PIN photodiode or an APD (Avalanche Photodiode) that converts incoming light back into an electrical current. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage. * **Limiting Amplifier:** Squares up the signal to provide a clean digital output to the host system. #### C. Control and Monitoring * **EEPROM:** Stores identification data (vendor name, serial number, part number) and configuration parameters. * **DDM/DOM Interface:** Digital Diagnostic Monitoring. This allows the host system to monitor real-time parameters such as **Optical Output Power**, **Optical Input Power**, **Temperature**, and **Laser Bias Current**. --- ### 3. Applications The M3EH56XPD-R is primarily used in the following environments: 1. **Data Centers:** Connecting switches and servers at 10Gbps speeds. 2. **Enterprise Networking:** Core and distribution layer uplinks. 3. **Storage Area Networks (SAN):** High-speed data backup and retrieval.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the M3EH56XPD-R?
    • ⤷ Is this module hot-swappable in a live network switch?
    • ⤷ How does DDM/DOM help in troubleshooting network failures?