Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3EH75XPD-R

  • AI
    The **M3EH75XPD-R** is a high-performance, industrial-grade Optocoupler (Photocoupler) module, typically used in high-voltage isolation and signal switching applications. It is part of a specialized series often found in power electronics, motor drives, and industrial automation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3EH75XPD-R: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Isolation Voltage** | The maximum voltage difference between input/output | 2500V - 5000V RMS | | **Forward Current (If)** | Input LED operating current | 10mA - 20mA | | **Collector-Emitter Voltage** | Max voltage across the output transistor | 75V - 80V | | **Response Time** | Time taken to switch states | High Speed (< 10µs) | | **Package Type** | Physical casing format | DIP-4 or SMD-4 (Reflow-ready) | | **Operating Temp** | Thermal range for industrial use | -40°C to +100°C | --- ### 2. Functional Components The "M3EH" series utilizes a standard internal architecture designed for noise immunity: * **Infrared LED (Input Side):** Converts the electrical input signal into light. It acts as the "trigger" for the circuit. * **Phototransistor (Output Side):** A light-sensitive silicon wafer that detects the IR light and allows current to flow through the output pins. * **Dielectric Insulation:** A physical barrier (usually transparent silicone or glass) that prevents high-voltage "arcing" between the input and output, protecting sensitive microcontrollers from power surges. --- ### 3. Application Areas The **-R** suffix often denotes **Tape & Reel** packaging for automated assembly, or a specific **RoHS compliance** revision. Common uses include: 1. **Switch Mode Power Supplies (SMPS):** Providing feedback from the secondary side to the primary side while maintaining isolation. 2. **Programmable Logic Controllers (PLCs):** Interfacing 24V industrial sensors with 5V logic processors. 3. **Motor Controllers:** Protecting control circuits from the Back-EMF (Electromotive Force) generated by large motors. 4. **Ground Loop Elimination:** Breaking electrical paths between two circuits that have different ground potentials to prevent noise. --- ### 4. Part Number Breakdown (General Convention) While specific to the manufacturer (often associated with specialized Asian semiconductor firms), the code generally breaks down as follows: * **M3:** Series designator (often indicating speed or voltage class). * **EH:** High-isolation / High-temperature rating. * **75:** Rated breakdown voltage (75V). * **XPD:** Internal gain/CTR (Current Transfer Ratio) classification. * **-R:** Packaging (Reel) or RoHS compliant. ---
    ✨ Follow-up Questions
    • ⤷What is the Current Transfer Ratio (CTR) for this specific model?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the pin-for-pin equivalents for the M3EH75XPD-R?