Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H11TAD-R

  • AI
    ## Overview of the M3H11TAD-R The **M3H11TAD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers, manufactured by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are designed for high-speed data processing and consumer/industrial device control. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Key Peripheral Modules The "TAD-R" suffix indicates a specific configuration of pins, memory, and functional blocks. Below are the primary electronic components integrated within this MCU: #### A. Analog Components * **12-bit ADC:** High-speed Analog-to-Digital Converter (up to 21 channels) with a 1.0 $\mu$s conversion speed. * **8-bit DAC:** 2-channel Digital-to-Analog Converter for signal generation. #### B. Timer and Control Units * **T32A (32-bit Timer Event Counter):** Used for PWM output, motor control, and interval timing. * **Advanced Programmable Motor Control (A-PMD):** Specialized circuitry to handle 3-phase inverter control for brushless DC motors. * **Watchdog Timer (WDT):** Ensures system stability by resetting the CPU if software hangs. #### C. Communication Interfaces * **UART/SIO:** Up to 8 channels for serial communication. * **I2C:** 4 channels (supporting Multi-master). * **TSPI:** 3 channels (Toshiba Serial Peripheral Interface) for high-speed synchronous data transfer. --- ### 3. Safety and Reliability Features The M3H series is designed for environments requiring high reliability (such as white goods and industrial automation): * **ECC (Error Correction Code):** Implemented on the internal Flash memory to detect and correct single-bit errors. * **RAM Parity:** Detects data corruption in the volatile memory. * **Self-Diagnosis:** Hardware functions to support safety standards like IEC 60730. --- ### 4. Part Number Breakdown Understanding the nomenclature helps identify the exact variant: | Code Segment | Meaning | | :--- | :--- | | **M3H** | Group Name (ARM Cortex-M3 High-speed) | | **11** | Functional Sub-set / Specific Pin Count (100-pin) | | **T** | Operating Temperature (T = -40 to 85°C) | | **A** | Flash Memory Capacity (256 KB) | | **D** | Package Type (LQFP) | | **-R** | Packing Style (Typically Tape and Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption levels for the M3H11TAD-R in low-power modes?
    • ⤷ Which software development environments support this Toshiba TXZ+ family?
    • ⤷ Does this microcontroller support CAN bus communication?