Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H12TAG-R

  • AI
    The **M3H12TAG-R** is a high-performance, N-Channel enhancement mode Power MOSFET typically utilized in power management and switching applications. It is designed to handle high current loads while maintaining low thermal resistance and minimal power loss. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3H12TAG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V (Series dependent) | | **Continuous Drain Current** | $I_D$ | ~100A - 120A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 1.5 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | - | PDFN5x6 / DFN5x6 | | **Total Gate Charge** | $Q_g$ | Low (Optimized for fast switching) | --- ### 2. Physical and Structural Components - **Package (PDFN5x6):** This is a surface-mount package designed for high-density layouts. It features a large thermal pad on the bottom to dissipate heat directly into the PCB copper. - **N-Channel Logic:** As an N-channel MOSFET, it requires a positive gate voltage relative to the source to turn "ON." - **Trench Technology:** Most "M3H" series parts utilize advanced trench gate designs to reduce the internal resistance ($R_{DS(on)}$), which minimizes heat generation during operation. --- ### 3. Application Areas The M3H12TAG-R is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. 2. **Battery Protection:** Acting as a high-speed switch to disconnect battery packs in case of a fault. 3. **Motor Control:** Driving brushless DC (BLDC) motors in power tools or drones. 4. **Load Switching:** Managing power distribution in laptops and industrial computers. --- ### 4. Critical Design Considerations * **Heat Dissipation:** Because it handles high currents (up to 120A peak), adequate PCB copper planes are required to act as a heatsink. * **Gate Drive:** To ensure the lowest $R_{DS(on)}$, the gate should be driven with a stable 10V signal. Lower voltages (like 4.5V) may increase resistance and heat. * **Flyback Protection:** In inductive loads (like motors), ensure external clamping or the use of the internal body diode to prevent voltage spikes from exceeding $V_{DSS}$.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3H12TAG-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?
    • ⤷ What is the maximum operating temperature for this component?