Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H13FCG-R

  • AI
    The **M3H13FCG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, developed by Toshiba. It is a high-performance 32-bit microcontroller based on the ARM® Cortex®-M3 core, designed specifically for motor control and consumer electronics. --- ## Technical Specifications | Parameter | Details | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Temperature Range** | -40°C to +85°C | --- ## Key Electronic Components & Subsystems ### 1. Processing Core The heart of the chip is the **ARM Cortex-M3**. It is optimized for deterministic, real-time applications. It includes a nested vectored interrupt controller (NVIC) for low-latency interrupt handling, which is critical for motor feedback loops. ### 2. Motor Control Hardware (A-PMD) The "Advanced Programmable Motor Driver" (A-PMD) is a specialized peripheral that allows for: * **3-phase complementary PWM output.** * Automatic dead-time insertion to prevent short circuits in power stages. * Emergency stop synchronization via external hardware pins. ### 3. Precision Analog Blocks To interface with the physical world, the M3H13FCG-R integrates: * **12-bit ADC:** High-speed conversion (approx. 1.5 $\mu s$) to monitor current and voltage sensors. * **Analog Voltage Monitor (LVD):** Monitors power supply stability to trigger resets if voltage drops below safe levels. ### 4. Communication Interfaces The part includes standard digital communication blocks for system integration: * **UART/SIO:** For serial debugging or simple sensor communication. * **I2C:** For peripheral management. * **TSPI:** High-speed serial peripheral interface. --- ## Application Use Cases * **Consumer Appliances:** Washing machines, refrigerators, and air conditioners (specifically for inverter control). * **Industrial Automation:** Small-scale motor drivers and PLC logic. * **Smart Home:** Devices requiring low power consumption and high processing reliability.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H series in sleep mode?
    • ⤷ Does this microcontroller support hardware-based Field Oriented Control (FOC)?
    • ⤷ What development tools or IDEs are compatible with the Toshiba TXZ+ family?