Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H13FDD-R

  • AI
    The **M3H13FDD-R** is a high-performance, N-channel enhancement mode MOSFET typically utilized in power management and switching applications. It is designed to handle high current loads while maintaining low resistance to minimize power loss. --- ### 1. Technical Specifications The following table summarizes the key electrical characteristics of the M3H13FDD-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Continuous Drain Current** | $I_{D}$ | 40 - 50* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~10 - 15 | $m\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm 20$ | V | | **Total Gate Charge** | $Q_g$ | ~12 | nC | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | *\*Note: Current ratings depend on thermal dissipation and PCB layout.* --- ### 2. Physical and Structural Parts The M3H13FDD-R is composed of several critical internal and external components: * **Silicon Die (N-Channel):** The core semiconductor material where electron flow is controlled. * **Gate Oxide Layer:** A thin insulating layer (usually Silicon Dioxide) that prevents DC current from flowing from the gate into the channel, allowing for voltage-controlled switching. * **Package (TO-252 / D-PAK):** This is a surface-mount package designed for high-power density. It includes a large metal tab for efficient heat transfer to the PCB. * **Lead Frame:** The internal metallic structure that connects the silicon die to the external pins (Gate, Drain, Source). --- ### 3. Functional Mechanisms The electronic behavior of this part is defined by three main regions: 1. **Cut-off Region:** When $V_{GS}$ is below the threshold voltage, the device acts as an open circuit. 2. **Ohmic (Linear) Region:** When the device is fully "on," it acts as a very low-value resistor ($R_{DS(on)}$), allowing high current with minimal voltage drop. 3. **Saturation Region:** Used in specific analog circuits where the drain current is independent of the drain-source voltage. --- ### 4. Common Applications * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Motor Control:** Acts as a switch in H-bridge circuits for small DC motors. * **Load Switching:** Used to turn power rails on or off in laptops and consumer electronics. * **Battery Protection:** Integrated into BMS (Battery Management Systems) to prevent over-discharge.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the M3H13FDD-R under standard cooling?
    • ⤷ How does the gate threshold voltage (Vgs(th)) affect its compatibility with 3.3V microcontrollers?
    • ⤷ What are the recommended thermal management strategies for the D-PAK version of this MOSFET?