Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H14TCD-R

  • AI
    ## Analysis of M3H14TCD-R The **M3H14TCD-R** is an industrial-grade electronic component, specifically a high-precision **Thin Film Chip Resistor** produced by **Susumu**. These components are widely used in automotive, medical, and precision measurement electronics due to their high reliability and stability. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics associated with this part series: | Property | Typical Value / Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Case Size** | 0603 (Metric 1608) | | **Resistance Tolerance** | ±0.5% (D) or ±0.1% (B) | | **Power Rating** | 0.1W (1/10 W) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C (typically) | | **Operating Temperature** | -55°C to +155°C | | **Voltage Rating** | 75V | --- ### 2. Electronic Characteristics & Construction The "M3H" designation indicates a specialized high-reliability series. Here are the core electronic aspects: * **Thin Film Technology:** Unlike thick film resistors, thin film (metal film) is sputtered onto a ceramic substrate. This results in much lower noise, better linearity, and tighter tolerances. * **Stability:** These parts are designed to have extremely low drift over time and temperature, making them ideal for voltage dividers and feedback loops. * **Sulfur Resistance:** As part of the Susumu high-reliability lineup, these resistors often feature excellent anti-sulfur properties, preventing corrosion in harsh industrial environments. * **Noise Performance:** Thin film construction provides excellent signal-to-noise ratios, crucial for sensitive analog circuits. --- ### 3. Part Number Breakdown (Example) | Code Segment | Meaning | | :--- | :--- | | **M3H** | Series Identifier (High reliability/Automotive grade) | | **14** | Package size/Power rating code | | **TCD** | Resistance and Tolerance coding | | **-R** | Tape and Reel packaging | --- ### 4. Typical Applications Because of its precision, the M3H14TCD-R is commonly found in: 1. **Automotive ECUs:** Engine control units where heat and vibration are prevalent. 2. **Test & Measurement:** Multimeters and oscilloscopes requiring high accuracy. 3. **Medical Imaging:** Equipment where signal integrity is paramount. 4. **Industrial Automation:** Control systems requiring long-term stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'TCD' suffix in this series?
    • ⤷ How does thin film technology compare to thick film in terms of thermal noise?
    • ⤷ Are there specific soldering profiles recommended for the M3H series?