Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H15FBD-R

  • AI
    The **M3H15FBD-R** is a high-performance **Silicon Carbide (SiC) MOSFET** manufactured by **ROHM Semiconductor**. It belongs to the 3rd Generation of ROHM’s SiC technology, specifically designed for high-efficiency power conversion in industrial and automotive applications. --- ## 1. Technical Specifications Below are the key electrical characteristics of the M3H15FBD-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage the device can withstand. | | **Continuous Drain Current ($I_D$)** | 30A - 93A* | Varies based on case temperature ($T_C$). | | **On-Resistance ($R_{DS(on)}$)** | 15m$\Omega$ (Typ.) | Extremely low resistance for reduced conduction loss. | | **Gate-Source Voltage ($V_{GSS}$)** | -4V to +21V | Recommended operating gate drive range. | | **Package Type** | TO-247-4L | 4-pin package with a Kelvin Source terminal. | | **Total Gate Charge ($Q_g$)** | ~66nC | Low charge allows for faster switching speeds. | *\*Note: Specific current ratings depend on thermal management and $T_j$ (Junction Temperature).* --- ## 2. Key Features The "M3" series incorporates several architectural improvements over traditional Silicon (Si) MOSFETs: ### A. Kelvin Source Terminal (The 4th Pin) Unlike standard 3-pin TO-247 packages, the **TO-247-4L** features an additional source pin. * **Purpose:** It separates the power path from the gate-drive path. * **Benefit:** It reduces the impact of source inductance, significantly lowering switching losses and preventing gate oscillation at high frequencies. ### B. SiC Technology Advantages * **High Thermal Conductivity:** SiC dissipates heat much better than Silicon. * **Fast Switching:** Lower internal capacitance allows the device to turn on and off rapidly. * **High Temperature Operation:** Capable of stable performance at junction temperatures up to 175°C. --- ## 3. Application Use Cases This component is typically found in high-power density environments: 1. **Server Power Supplies (PSU):** For 80 PLUS Titanium/Platinum efficiency ratings. 2. **Solar Inverters:** Converting DC from panels to AC for the grid with minimal energy loss. 3. **EV Charging Stations:** DC-DC converters and onboard chargers (OBC). 4. **Uninterruptible Power Supplies (UPS):** Maintaining high efficiency during battery-to-load conversion. --- ## 4. Design Precautions When integrating the M3H15FBD-R into a circuit, designers must consider: * **Gate Drive Voltage:** To achieve the rated $15m\Omega$ resistance, a gate voltage ($V_{GS}$) of **18V** is typically required. * **Dead Time:** Due to fast switching, dead-time settings in bridge circuits must be carefully tuned to prevent shoot-through. * **Thermal Design:** While SiC is efficient, the small die size results in high heat density; an adequate heatsink or active cooling is essential.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the TO-247-4L package over the standard TO-247-3L?
    • ⤷ How does the M3H15FBD-R compare to a standard Silicon IGBT in terms of switching loss?
    • ⤷ What are the recommended gate driver ICs for 3rd Gen ROHM SiC MOSFETs?