Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H17FCD-R

  • AI
    The **M3H17FCD-R** is a high-performance power semiconductor component, specifically an **N-Channel Silicon Carbide (SiC) MOSFET**. These devices are designed to replace traditional Silicon MOSFETs and IGBTs in high-voltage, high-frequency, and high-temperature power conversion applications. --- ## 1. Technical Specifications The M3H series from ROHM Semiconductor is known for its low "On-Resistance" and high reliability. Below are the key technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | | **Drain Current ($I_D$)** | ~30A - 50A (Depending on temperature) | | **RDS(on) (Typical)** | 17mΩ | | **Gate-Source Voltage ($V_{GSS}$)** | -4V to +22V | | **Package Type** | TO-247N | | **Technology** | 3rd Generation SiC MOSFET | --- ## 2. Key Features * **Low On-Resistance:** The 17mΩ rating is exceptionally low, which minimizes conduction losses and improves overall energy efficiency. * **High Thermal Conductivity:** SiC materials dissipate heat much more effectively than standard silicon, allowing for smaller heatsinks. * **Fast Switching:** SiC MOSFETs have significantly lower parasitic capacitance, enabling higher switching frequencies (reducing the size of inductors and capacitors in the circuit). * **High Voltage Stability:** It maintains high performance even under high-voltage stress, making it ideal for industrial power grids. --- ## 3. Pin Configuration The device typically follows the standard TO-247 layout: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Connected to the high-voltage load. 3. **Source (S):** The return path for the current. --- ## 4. Common Applications Due to its efficiency and high-voltage rating, the M3H17FCD-R is commonly found in: * **EV Charging Stations:** DC-DC converters and onboard chargers (OBC). * **Solar Inverters:** Converting DC from panels to AC for the grid. * **Server Power Supplies:** High-efficiency switch-mode power supplies (SMPS). * **Industrial Motors:** High-speed motor drives and frequency converters. --- ## 5. Design Considerations ```cpp // Example: Thermal calculation logic for SiC MOSFETs float calculate_power_loss(float current, float rds_on) { // P = I^2 * R return (current * current) * rds_on; } // Note: Gate drivers must be specifically rated for SiC // to provide the necessary turn-on voltage (typically 18V). ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of SiC MOSFETs over traditional Silicon IGBTs?
    • ⤷ What specific gate driver voltage is recommended for the M3H series?
    • ⤷ How does the RDS(on) of this part change with temperature?