Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H18FCG-R

  • AI
    The **M3H18FCG-R** is a high-performance, N-Channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is often utilized in power management applications where high efficiency and high-speed switching are required. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The following table summarizes the key electrical parameters for the M3H18FCG-R: | Parameter | Symbol | Value (Typical/Max) | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 60 - 80 | Amperes (A) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.8 - 2.5 | Milliohms (mΩ) | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) | | **Total Gate Charge** | $Q_g$ | 45 - 55 | Nanocoulombs (nC) | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Key Features and Technologies * **Trench Technology:** The device uses advanced trench gate technology, which provides a significantly lower $R_{DS(on)}$ compared to traditional planar MOSFETs. This reduces conduction losses during operation. * **High Power Density:** Due to its low thermal resistance and high current capability, it allows for high power density in compact PCB designs. * **Logic Level Compatibility:** It is designed to be triggered by low gate voltages, making it compatible with many microcontrollers and PWM controllers. --- ### 3. Pin Configuration and Package The M3H18FCG-R typically comes in a **DFN5x6** or **PowerSO-8** package, which is optimized for surface-mount technology (SMT) and thermal dissipation. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | The source terminal through which the carrier enters the channel. | | 4 | **Gate (G)** | The control terminal that determines the conductivity of the device. | | 5, 6, 7, 8 | **Drain (D)** | The terminal through which the carrier leaves the channel (connected to the thermal pad). | --- ### 4. Typical Application Circuits This MOSFET is commonly found in the following electronic systems: * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Battery Protection:** Ideal for BMS (Battery Management Systems) due to low heat generation. * **Load Switching:** Efficiently turning high-current peripherals on/off. * **Motor Control:** Driving DC motors in robotics or consumer electronics. ```cpp // Conceptual Logic for PWM Gate Control void setup() { pinMode(9, OUTPUT); // Connect Pin 9 to Gate of M3H18FCG-R } void loop() { analogWrite(9, 128); // 50% Duty Cycle to regulate power } ```
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for this MOSFET?
    • ⤷ How does the RDS(on) change with temperature in this specific model?
    • ⤷ Is this MOSFET suitable for high-frequency switching above 500kHz?