Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H18FDD-R

  • AI
    The **M3H18FDD-R** is a high-performance N-Channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### ## Technical Specifications The following table summarizes the key electrical parameters for the M3H18FDD-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 60 - 80* | Amperes (A) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 5.0 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) | | **Total Gate Charge** | $Q_g$ | 15 - 25 | nC | | **Package Type** | - | TO-252 (DPAK) | - | *\*Note: Current ratings are often limited by the package and thermal dissipation.* --- ### ### Key Electronic Features 1. **Low On-Resistance ($R_{DS(on)}$):** The device is designed with a very low resistance when in the "ON" state. This minimizes power loss through heat, making it highly efficient for high-current applications. 2. **High-Speed Switching:** With a low gate charge ($Q_g$), the MOSFET can transition between ON and OFF states very rapidly. This is essential for high-frequency DC-DC converters. 3. **Trench Technology:** It likely utilizes advanced Trench MOSFET technology, which allows for a higher cell density and lower resistance compared to older planar structures. 4. **Thermal Management:** The **TO-252 (DPAK)** packaging is a surface-mount package designed for moderate to high power dissipation, providing a large metal tab for soldering to a PCB heat sink. --- ### ### Common Applications * **DC-DC Converters:** Used as a switching element in buck or boost regulators. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for charging and discharging control. * **Motor Control:** Driving small to medium-sized DC motors. * **Load Switching:** Acts as an electronic switch to turn power rails on and off within a circuit. --- ### ### Schematic Representation In a circuit diagram, the part is connected as follows: ```text Drain (D) | |----+ Gate (G)-| | (N-Channel) |----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3H18FDD-R?
    • ⤷ How do I calculate the power dissipation for this MOSFET in a PWM circuit?
    • ⤷ What is the maximum junction temperature for this device?