Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H18TBD-R

  • AI
    The **M3H18TBD-R** is a specific high-performance microcontroller unit (MCU) from Renesas Electronics, belonging to the **R-Car M3-W** (M3 Series) family. This System-on-Chip (SoC) is designed primarily for automotive applications, specifically In-Vehicle Infotainment (IVI) and integrated cockpit systems. --- ## 1. Core Architecture The M3H18TBD-R utilizes a heterogeneous multi-core architecture to balance high-performance processing with power efficiency. | Component | Specifications | | :--- | :--- | | **Main CPU** | ARM® Cortex®-A57 Quad-core + Cortex®-A53 Quad-core | | **Real-time CPU** | Dual Cortex®-R7 (for functional safety and fast boot) | | **GPU** | Imagination Technologies PowerVR™ Series8XT (GT8600) | | **Process Node** | 16nm FinFET technology | --- ## 2. Key Functional Blocks The "electronic parts" within this SoC are categorized by their specific tasks: ### Graphics and Multimedia * **3D Graphics:** The PowerVR GPU supports OpenGL ES 3.2 and Vulkan 1.0, enabling complex 3D instrument clusters and navigation. * **Video Processing:** Hardware accelerators for H.265/HEVC and H.264/AVC encoding/decoding at 4K resolution. * **Image Signal Processor (ISP):** Processes raw data from vehicle cameras for Advanced Driver Assistance Systems (ADAS). ### Memory and Storage Interfaces * **LPDDR4/LPDDR4X:** Supports high-speed RAM interfaces to handle massive data throughput for graphics and AI. * **HyperFlash / QSPI:** For fast booting of the operating system. * **eMMC 5.1:** Primary non-volatile storage interface. ### Automotive Connectivity The M3H18TBD-R includes specific automotive peripherals: * **CAN-FD:** Controller Area Network with Flexible Data-rate. * **Ethernet AVB/TSN:** Audio Video Bridging for high-speed deterministic networking. * **PCI Express (PCIe) Gen2:** For high-speed peripheral expansion. --- ## 3. Physical & Electrical Characteristics As an automotive-grade component, the physical packaging is designed for harsh environments. * **Package Type:** FCBGA (Flip Chip Ball Grid Array). * **Operating Temperature:** Automotive Grade (typically -40°C to +105°C). * **Functional Safety:** Compliant with ISO 26262 (ASIL-B) requirements. --- ## 4. Software Ecosystem The hardware is designed to support virtualization, allowing multiple operating systems to run concurrently: 1. **QNX / Green Hills:** For safety-critical functions (Instrument clusters). 2. **Automotive Grade Linux (AGL) / Android:** For infotainment and apps. 3. **Hypervisor:** A software layer that manages the hardware resources between these OSs.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3 and H3 R-Car series?
    • ⤷ Does the M3H18TBD-R support hardware-accelerated Deep Learning?
    • ⤷ What is the specific pin count and ball pitch for the FCBGA package?