Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H22FBD-R

  • AI
    The **M3H22FBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class** of microcontrollers. Specifically, it is part of the **M3H Group**, which is based on the high-performance ARM® Cortex®-M3 core. These chips are designed for motor control, industrial equipment, and home appliances. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP48 (7mm x 7mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Specialized Internal Modules The "M3H" series is unique because of its integration of high-precision analog and motor-specific peripherals: #### A. Analog-to-Digital Converter (ADC) * **High Speed:** Equipped with a 12-bit ADC capable of 1.0 $\mu$s conversion time. * **Precision:** Includes a sample-and-hold circuit allowing for simultaneous sampling of motor phase currents. #### B. Advanced Programmable Motor Control (A-PMD) * This hardware logic assists in generating 3-phase PWM waveforms required to drive BLDC (Brushless DC) motors. * It includes built-in dead-time insertion and emergency stop functions (via the `EMG` pin). #### C. Communication Interfaces * **UART:** Up to 3 channels. * **I2C:** 1 channel. * **TSPI (Serial Peripheral Interface):** 1 channel. --- ### 3. Pinout and Physical Characteristics The **"FBD"** suffix refers to the **LQFP48** package. * **Compact Footprint:** 48 pins allow for a balance between I/O availability and board space. * **Clocking:** Supports internal high-speed oscillators (IHOSC) to reduce the need for external crystals in cost-sensitive designs. * **Low Power:** Includes multiple power-saving modes (Sleep, Stop) for energy-efficient applications. --- ### 4. Application Areas Because of the 5V operation capability and the ARM M3 core, this part is commonly found in: 1. **Consumer Electronics:** Washing machines, refrigerators, and air conditioners. 2. **Industrial:** Small-scale factory automation and sensor hubs. 3. **Power Management:** Digital power supply control.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the M3H and M4K groups in the Toshiba TXZ+ family?
    • ⤷ Does this microcontroller support functional safety standards like IEC 60730?
    • ⤷ What development tools or IDEs are recommended for programming the M3H22FBD-R?