Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H22TAG-R

  • AI
    The **M3H22TAG-R** is a high-performance, ultra-small form factor radio frequency (RF) module, typically associated with **Active RFID** (Radio Frequency Identification) and **RTLS** (Real-Time Locating Systems). It is primarily used in industrial environments for tracking personnel, assets, and vehicle management. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 2.4 GHz - 2.4835 GHz (ISM Band) | | **Communication Protocol** | Proprietary or IEEE 802.15.4 based | | **Typical Range** | 30m to 100m (Line of Sight) | | **Power Source** | Internal Battery (Replaceable or Long-life Lithium) | | **Ingress Protection** | IP67 (Dust tight and Water resistant) | | **Modulation** | GFSK / DSSS | --- ### 2. Core Electronic Components The internal architecture of the M3H22TAG-R consists of several critical electronic sub-systems: #### A. Microcontroller (MCU) & RF Transceiver Most tags in this series utilize a **System-on-Chip (SoC)** approach. This combines a low-power microcontroller (like an ARM Cortex-M series) with a 2.4GHz radio. It manages the sleep cycles, data encryption, and packet transmission. #### B. The Antenna System * **Type:** Usually an internal PCB trace antenna or a small ceramic chip antenna. * **Function:** Designed for omnidirectional radiation patterns to ensure the tag can be read regardless of its orientation on an asset. #### C. Power Management Circuitry Since these devices are designed to last years on a single battery, they utilize: * **Deep Sleep Controllers:** Reducing current draw to micro-amps ($\mu A$) when stationary. * **Low-Dropout Regulators (LDO):** Ensuring a stable voltage to the SoC as the battery voltage drops over time. #### D. Sensors (Optional/Model Dependent) * **Motion Sensor (Accelerometer):** Used to trigger "Wake-on-Motion." The tag stays silent while stationary to save battery and broadcasts only when moved. * **Tamper Switch:** Detects if the tag is removed from the asset. --- ### 3. Functional Operation 1. **Beaconing:** The tag periodically "chirps" its unique ID and status bits (battery level, sensor data). 2. **Anti-Collision:** The electronic firmware uses algorithms to ensure that hundreds of tags can be read simultaneously by a single receiver without signal interference. 3. **Configurability:** Many of these tags can be programmed via RF (Over-the-Air) to change transmission intervals or power levels. --- ### 4. Typical Applications * **Logistics:** Tracking shipping containers in large yards. * **Healthcare:** Monitoring the location of high-value medical equipment. * **Manufacturing:** Tracking Work-in-Progress (WIP) through an assembly line.
    ✨ Follow-up Questions
    • ⤷What is the typical battery life of the M3H22TAG-R under standard usage?
    • ⤷ Does this tag support RSSI-based distance estimation?
    • ⤷ Can the firmware be updated wirelessly after deployment?