Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H23FBD-R

  • AI
    The **M3H23FBD-R** belongs to the **M3H Group** of microcontrollers within the **TXZ+™ Family Advanced Class**, manufactured by **Toshiba**. These microcontrollers are based on the ARM® Cortex®-M3 core and are specifically designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP64 (10mm x 10mm) | | **I/O Pins** | 51 pins | --- ### 2. Core Functional Blocks #### A. High-Speed Analog Front-End The M3H23FBD-R is equipped with a high-resolution **12-bit Analog-to-Digital Converter (ADC)**. * **Sample Rate:** Approx. 1.5 μs conversion time. * **Channels:** Up to 12 channels. * **Purpose:** Crucial for reading sensor data, monitoring battery voltage, and precision motor current sensing. #### B. Advanced Programmable Motor Control (A-PMD) This is a specialized hardware block designed to reduce CPU load during motor operations: * Three-phase PWM output. * Dead-time insertion and emergency stop functions. * Synchronized operation with the ADC for current sensing at specific PWM phases. #### C. Communication Interfaces The chip supports standard industrial and consumer protocols: * **UART:** 4 channels for serial communication. * **I2C:** 2 channels for peripheral interfacing. * **TSPI:** 2 channels (Toshiba Serial Peripheral Interface) for high-speed data exchange. --- ### 3. Application Areas Because of its high frequency (120MHz) and specialized motor control hardware, it is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control), and vacuum cleaners. 2. **Industrial Equipment:** Small-scale factory automation and pump controllers. 3. **Consumer Electronics:** Smart home devices requiring low power consumption but high peak performance. --- ### 4. Part Number Decoder (Quick Reference) * **M3H:** ARM® Cortex®-M3 High-speed group. * **23:** Specific sub-series identifier (Flash/RAM configuration). * **F:** Flash Memory (128KB). * **BD:** Package code (LQFP64). * **-R:** Tape and Reel packaging (standard for automated SMT assembly).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H23FBD-R in standby mode?
    • ⤷ Does this microcontroller support hardware-based encryption or security features?
    • ⤷ What development tools or IDEs are recommended for programming the TXZ+ series?