Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H23TCD-R

  • AI
    ## M3H23TCD-R: Technical Overview The **M3H23TCD-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Series** microcontrollers developed by **Toshiba**. These are high-performance 32-bit microcontrollers based on the Arm® Cortex®-M3 core, designed specifically for motor control and industrial automation. --- ### 1. Core Specifications | Feature | Details | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 512 KB | | **RAM** | 66 KB (Includes 2KB Backup RAM) | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Key Electronic Components & Subsystems #### A. Motor Control Peripherals This chip is highly optimized for controlling brushless DC (BLDC) motors and AC motors: * **Advanced Programmable Motor Control (A-PMD):** A 3-phase PWM output generator that supports dead-time insertion and emergency stop functions via external hardware pins. * **Vector Engine (VE):** A dedicated hardware accelerator that performs coordinate transformation (Clarke/Park) and PI control calculations, significantly reducing CPU load during motor operations. * **Advanced Encoder Input Circuit (A-ENC):** Supports incremental encoders (ABZ phase) for precise position and speed feedback. #### B. Analog-to-Digital Conversion (ADC) * **High-Speed ADC:** Features 12-bit resolution with multiple channels. * **Conversion Speed:** Capable of approximately 1.5 $\mu$s conversion time. * **Triggering:** Can be synchronized with the PWM timer (A-PMD) for precise current sensing at specific points in the motor cycle. #### C. Communication Interfaces The device integrates standard industrial protocols: * **UART / SI2C / TSPI:** Multiple channels for serial communication. * **CAN:** Controller Area Network support for automotive or industrial networking. * **I2C:** Inter-Integrated Circuit for sensor interfacing. --- ### 3. Application Areas The "R" suffix typically denotes the revision or packaging style (Tape & Reel). This specific model is commonly found in: * **Home Appliances:** Washing machines, air conditioners (inverter control). * **Industrial Equipment:** Small pumps, fans, and conveyor systems. * **Office Automation:** High-speed printers and scanners. --- ### 4. Code Example: GPIO Initialization (CMSIS) To interact with the electronic pins of the M3H23TCD-R, developers typically use the CMSIS-compliant drivers. ```c #include "TXZ+M3H.h" void GPIO_Init(void) { // Enable clock for Port A TSB_CG_FSYSENA_IPENA06 = 1; // Set PA0 as output TSB_PA->MODer_f.MODe0 = 1; // Write High to PA0 TSB_PA->DATA_f.DATA0 = 1; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H Group and the M4K Group in Toshiba's TXZ+ series?
    • ⤷ How does the hardware 'Vector Engine' improve efficiency compared to software-based motor control?
    • ⤷ Does the M3H23TCD-R support Functional Safety (IEC 60730) for home appliances?