Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H24TAD-R

  • AI
    The **M3H24TAD-R** is a specific model within a series of industrial solid-state relays (SSRs) or motor control modules, typically manufactured by companies like **Kyotto** or similar industrial automation brands. It is designed to switch AC loads using a low-voltage DC control signal. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input (Control) Voltage** | 3 - 32 VDC | Standard logic level control | | **Output (Load) Voltage** | 24 - 480 VAC | Suitable for high-voltage industrial grids | | **Rated Load Current** | 24A (Approx.) | Maximum current capacity (with heat sink) | | **Switching Type** | Zero Cross | Switches at zero voltage to reduce EMI | | **Output Component** | Triac or Dual SCR | Solid-state semiconductor switching | --- ### 2. Electronic Component Breakdown #### A. Input Side (Control Loop) * **Optoisolator:** The core of the input side is an optical coupling device. This ensures electrical isolation (typically up to 4kV) between the low-voltage DC control circuit and the high-voltage AC load circuit. * **LED Indicator:** Most models include a built-in LED to provide visual status of whether the control signal is active. * **Current Limiting Resistor:** Protects the internal optocoupler from overcurrent within the 3-32V range. #### B. Output Side (Power Loop) * **Power Semiconductor:** Uses a **Triac** or two **SCRs** (Silicon Controlled Rectifiers) back-to-back. Unlike a mechanical relay, there are no moving parts, eliminating arcing and mechanical wear. * **Snubber Circuit:** Contains an internal RC (Resistor-Capacitor) network to protect the semiconductor from high $dv/dt$ (voltage spikes) common in inductive loads like motors. * **Zero-Cross Circuit:** A logic circuit that ensures the device only begins conducting when the AC sine wave crosses zero volts. This minimizes "Inrush Current" and electromagnetic interference (EMI). --- ### 3. Application and Usage Because the **M3H** series often refers to **3-Phase** or specialized motor modules (depending on the specific manufacturer's prefixing), the "T" in the suffix usually denotes a **Triac** output or a specific **Terminal** type. * **Primary Use:** Controlling 3-phase motors, large heaters, or industrial lighting arrays. * **Thermal Management:** Since it is a solid-state device, it generates heat (approx. 1.2 to 1.5 Watts per Ampere). It **must** be mounted on a properly sized heat sink with thermal paste to prevent thermal runaway. --- ### 4. Connection Diagram (General) ```text Control Side (DC): [ + ] PIN 1: 3-32VDC Positive [ - ] PIN 2: Ground/Common Load Side (AC): [ L ] PIN 3: AC Line Input [ T ] PIN 4: To Load (Motor/Heater) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching for this SSR?
    • ⤷ How do I calculate the required heat sink size for a 20A load?
    • ⤷ Can this module be used for PWM speed control of a DC motor?