Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H26FCG-R

  • AI
    Based on the part number provided, the **M3H26FCG-R** refers to a high-performance microcontroller from **Toshiba’s TXZ+ Family (M3H Group)**. These chips are based on the ARM® Cortex®-M3 core and are designed for motor control, consumer electronics, and industrial automation. --- ### 1. Key Technical Specifications The "M3H" series is optimized for low power consumption and high-speed data processing. Below is a breakdown of the primary internal components: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 120 MHz | | **Flash Memory** | 128 KB (Approx. based on 'F' designation) | | **RAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Specialized Peripheral Modules The electronic architecture of the M3H26FCG-R includes several specialized blocks that make it suitable for precision tasks: #### A. A-PMD (Advanced Programmable Motor Driver) This is a dedicated hardware logic circuit used to control 3-phase motors. It can synchronize with the Analog-to-Digital Converter (ADC) to ensure precise motor positioning and speed control without heavy CPU overhead. #### B. High-Speed ADC The chip features a 12-bit ADC with a high conversion speed (approx. 1.5 $\mu$s). It includes a sample-and-hold function, allowing for simultaneous sensing of current and voltage, which is critical for **Field Oriented Control (FOC)** in motors. #### C. Communication Interfaces * **UART:** For standard serial communication. * **I2C / SIO:** For sensor interfacing. * **TSPI:** High-speed serial peripheral interface. #### D. Safety and Reliability * **CRC Calculation Circuit:** Hardware-based error checking for memory integrity. * **Watchdog Timer (WDT):** Prevents system hang-ups. * **LVD (Low Voltage Detection):** Monitors power supply stability to prevent data corruption. --- ### 3. Application Use Cases Due to its high clock speed and motor-specific peripherals, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control), and refrigerators. 2. **Office Automation:** Printers and scanners. 3. **Industrial Equipment:** Small-scale factory automation and pump controllers. --- ### 4. Part Number Decoding (Typical Toshiba Naming) | Segment | Meaning | | :--- | :--- | | **M3H** | Group Name (ARM Cortex-M3 / TXZ+ Family) | | **26** | Specific Pin Count / Feature set identifier | | **F** | Flash Memory capacity (128 KB) | | **CG** | Package Code (LQFP) | | **-R** | Reel (Packaging format for automated assembly) |
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H series in sleep mode?
    • ⤷ Does the M3H26FCG-R support CAN bus communication?
    • ⤷ How does the A-PMD module differ from standard PWM controllers?