Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H32FBD-R

  • AI
    The **M3H32FBD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, manufactured by **Toshiba**. This is a high-performance 32-bit microcontroller based on the Arm® Cortex®-M3 core, designed specifically for motor control and industrial automation. --- ### 1. Key Technical Specifications The "M3H32FBD-R" part number defines specific hardware characteristics: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Voltage** | 2.7V to 5.5V | | **Operating Temp** | -40°C to 85°C | --- ### 2. Core Functional Blocks The internal architecture is optimized for high-speed data processing and precise hardware control. #### A. Power Management & System * **Voltage Regulator:** Converts external power to internal core voltage. * **Oscillators:** Supports external high-speed oscillators and internal high-speed/low-speed oscillators (IHOSC/ILOSC). * **DMA Controller:** 8-channel DMAC to reduce CPU load during data transfers. #### B. Motor Control Peripherals (A-PMD) The **Advanced Programmable Motor Control (A-PMD)** is the standout feature. It allows for: * 3-phase complementary PWM output. * Hardware-based emergency stop (over-current protection). * Synchronization with Analog-to-Digital Converters (ADC) for precise current sensing. #### C. Analog Components * **12-bit ADC:** High-speed conversion (up to 21 channels) for sensor feedback. * **8-bit DAC:** 2 channels for analog signal generation. #### D. Communication Interfaces * **UART:** Up to 6 channels. * **I2C:** 4 channels (supports High-speed mode). * **TSPI:** 4 channels (Serial Peripheral Interface). --- ### 3. Application Use Cases Due to its integrated motor control hardware and 5V support, this part is commonly found in: 1. **Consumer Electronics:** Washing machines, air conditioners, and refrigerators. 2. **Industrial Equipment:** Small-scale factory automation and pump controllers. 3. **Office Automation:** Printers and high-precision scanners. --- ### 4. Part Number Decoder Understanding the "R" suffix and "FBD" code: | Segment | Meaning | | :--- | :--- | | **M3H** | Group Name (Arm Cortex-M3 High-speed) | | **32** | Pin Count / Memory Density Code | | **FBD** | Package Type (LQFP) | | **-R** | Packing style (typically indicates Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the Cortex-M3 core for motor control compared to M0?
    • ⤷ Does the M3H32FBD-R support functional safety standards like IEC 60730?
    • ⤷ Which development tools or IDEs are compatible with this Toshiba microcontroller?