Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H32TAD-R

  • AI
    The **M3H32TAD-R** is a specific part number belonging to the **M3H Group** of the **Toshina TXZ+™ Family Advanced Class** microcontrollers. This series is based on the ARM® Cortex®-M3 core and is designed for high-performance control in industrial and consumer electronics. --- ### 1. Core Specifications The internal architecture is optimized for high-speed processing and efficiency. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | TQFP32 (7mm x 7mm) | --- ### 2. Key Peripheral Modules The "TAD" designation indicates specific peripheral configurations tailored for motor control and sensing. * **A/D Converter (ADC):** Features a 12-bit high-speed ADC with multiple channels, essential for precise sensor data acquisition. * **Advanced Programmable Motor Control (A-PMD):** A dedicated hardware block that simplifies Three-phase BLDC motor control by automating PWM generation. * **Timers:** Includes 16-bit and 32-bit timers (T32A) for pulse width modulation and frequency measurement. * **Communication Interfaces:** * **UART:** For serial communication. * **I2C:** For peripheral sensor communication. * **TSPI:** High-speed serial peripheral interface. --- ### 3. Part Number Decoder Breaking down the nomenclature helps identify the hardware variants: | Code Segment | Meaning | | :--- | :--- | | **M3H** | Group Name (Cortex-M3 High-speed) | | **3** | Flash size indicator (e.g., 256KB) | | **2** | Pin count indicator (32 pins) | | **TAD** | Function/Peripheral set (Motor Control focused) | | **-R** | Packing style (typically "Reel") | --- ### 4. Typical Applications Due to its 5V support and motor control hardware, it is commonly found in: 1. **Home Appliances:** Air conditioner fans, washing machine pumps, and refrigerator compressors. 2. **Industrial Equipment:** Small BLDC motor drivers and programmable logic controllers (PLCs). 3. **Power Management:** Digital power supply control. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption profiles for the M3H32TAD-R in sleep mode?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are recommended for the TXZ+ family?