Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H34TBD-R

  • AI
    The **M3H34TBD-R** is a specific development board manufactured by **Renesas Electronics**. It is designed for evaluating and prototyping with the **T-Engine** specification, specifically targeting the **M3H group** of microcontrollers (part of the Renesas RA or Synergy families depending on the specific generation). Below is a breakdown of the electronic components and technical specifications for this board. --- ### 1. Core Specifications The board serves as a reference design for high-performance industrial and consumer applications. | Feature | Description | | :--- | :--- | | **Microcontroller** | Renesas M3H Series (ARM Cortex-M core) | | **Form Factor** | T-Engine / T-BIT standard | | **Main Usage** | Real-time OS (RTOS) development, industrial automation | | **Clock Speed** | Typically up to 120MHz - 240MHz (depending on exact MCU sub-type) | --- ### 2. Key Electronic Components The board is populated with several subsystems necessary for full-system evaluation: #### A. Power Management * **Regulators:** On-board LDOs or switching regulators to convert 5V input to 3.3V and 1.2V/1.8V for the MCU core. * **Protection:** Integrated TVS diodes for ESD protection on exposed headers. #### B. Memory Interfaces * **Flash Memory:** Integrated internal flash for code storage, often supplemented by external QSPI Flash. * **SRAM:** High-speed internal SRAM for data handling and stack operations. #### C. Connectivity & I/O * **Debug Port:** JTAG/SWD 10-pin or 20-pin headers for connection to E1/E2 Emulators or Segger J-Link. * **Serial Comms:** UART (via USB-to-Serial bridge), SPI, and I2C headers. * **Expansion:** T-Engine standardized bus connectors for stacking additional functional modules. #### D. User Interface Elements * **LEDs:** Power indicator and user-programmable status LEDs. * **Switches:** Reset button and user-assignable tactile switches for input testing. --- ### 3. Functional Block Diagram (Simplified) ```mermaid graph LR A[Power Input 5V] --> B[Voltage Regulators] B --> C[M3H MCU Core] C --> D[Debug Interface] C --> E[External Flash] C --> F[Expansion Headers] C --> G[User LEDs/Switches] ``` --- ### 4. Hardware Characteristics Table | Component Type | Part/Specification Detail | | :--- | :--- | | **PCB Layers** | Multi-layer (usually 4-6 layers) for signal integrity | | **Crystal Oscillator** | High-speed (HXT) and Low-speed (LXT) for RTC | | **Mounting** | SMT (Surface Mount Technology) | | **RoHS Compliance** | Lead-free, compliant with R-type suffixes |
    ✨ Follow-up Questions
    • ⤷ What are the compatible development environments (IDE) for the M3H34TBD-R?
    • ⤷ Does this board support the Renesas Flexible Software Package (FSP)?
    • ⤷ What is the specific pin count and package type of the MCU used on this board?