Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H35TAG-R

  • AI
    ## Technical Overview of the M3H35TAG-R The **M3H35TAG-R** belongs to the **M3H series** of microcontrollers developed by **Toshiba**. These are 32-bit MCUs based on the **ARM® Cortex®-M3** core. This specific series is designed for motor control, industrial equipment, and consumer appliances requiring high-speed data processing and energy efficiency. --- ### 1. Key Internal Specifications The electronic architecture is built to balance performance with low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 40 MHz to 80 MHz (varies by sub-model) | | **Flash Memory** | 128 KB (Typical for M3H35 variant) | | **RAM** | 12 | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Major Electronic Subsystems #### A. Power Management The chip includes an internal voltage regulator that steps down the supply voltage to power the core logic. It supports multiple power-saving modes (Idle, Stop, Sleep) to reduce current draw in battery-operated devices. #### B. Analog-to-Digital Converter (ADC) This part typically features a high-speed **12-bit ADC**. * **Purpose:** Converting sensor signals (temperature, pressure, current) into digital data. * **Channels:** Often includes up to 8–12 channels depending on the package. #### C. Motor Control Timer (T32A) One of the standout electronic features is the **32-bit Timer Event Counter**. It is specifically engineered to generate PWM (Pulse Width Modulation) signals required to drive brushless DC (BLDC) motors or AC motors efficiently. #### D. Connectivity Interfaces The M3H35TAG-R facilitates communication with other electronic components via: * **UART:** For serial communication. * **I2C:** For peripheral sensors and EEPROMs. * **TSPI:** Toshiba Serial Peripheral Interface (high-speed data). --- ### 3. Physical Packaging The "TAG" suffix usually refers to the package type and pin count. * **Package:** LQFP (Low-profile Quad Flat Package). * **Lead-Free:** These parts are RoHS compliant, utilizing lead-free finishes on the pins to meet environmental standards. --- ### 4. Typical Applications Due to its robust 5V support and ARM core, it is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Office Automation:** Printers and scanners. 3. **Industrial:** Small-scale factory automation and sensor hubs.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H35TAG-R in deep sleep mode?
    • ⤷ How does the T32A timer differ from standard PWM timers in motor control applications?
    • ⤷ Which development tools or IDEs are recommended for programming Toshiba M3H series MCUs?