Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H36TCD-R

  • AI
    ## Electronic Analysis of the M3H36TCD-R The **M3H36TCD-R** belongs to the **M3H Group** of microcontrollers developed by **Toshiba Electronic Devices & Storage Corporation**. This series is based on the high-performance **ARM® Cortex®-M3** core, specifically designed for motor control, industrial equipment, and consumer appliances. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (depending on configuration) | | **Operating Voltage** | 2.7V to 5.5V | | **Memory (Flash)** | 64 KB to 128 KB (Typical for the '36' series) | | **Memory (SRAM)** | 6 KB to 12 KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Pin Count** | 64-pin or 100-pin variations | --- ### 2. Core Functional Blocks The electronic architecture of this part is divided into several critical modules: #### A. Processing Unit The **ARM Cortex-M3** core provides a robust balance between processing power and energy efficiency. It includes a Nested Vectored Interrupt Controller (NVIC) for fast interrupt handling, which is crucial for real-time motor control. #### B. Analog-to-Digital Converter (ADC) This part features high-speed, high-resolution ADCs (typically 12-bit). These are used to sense: * Current feedback from motors. * Temperature sensor inputs. * Voltage levels for safety monitoring. #### C. Advanced Timer Units (TASC/A-PMD) The **Advanced Programmable Motor Control (A-PMD)** is a specialized electronic block that generates PWM (Pulse Width Modulation) signals. It includes features like: * Dead-time insertion to prevent short circuits in H-bridge drivers. * Emergency stop synchronization via hardware. #### D. Communication Interfaces The chip integrates standard industrial communication protocols: * **UART:** For serial debugging and communication. * **I2C:** For interfacing with peripheral sensors or EEPROMs. * **TSPI:** High-speed SPI for display drivers or flash memory. --- ### 3. Electronic Characteristics * **Low Power Consumption:** Includes multiple sleep modes (IDLE, STOP1, STOP2) to minimize current draw during inactivity. * **Oscillator Circuitry:** Integrated internal high-speed oscillators, reducing the need for external crystal components. * **Safety Features:** Includes an on-chip Watchdog Timer (WDT) and voltage detection circuits to ensure the system resets safely during power fluctuations. --- ### 4. Typical Application Circuit Components When designing a PCB with the M3H36TCD-R, the following electronic parts are usually required: 1. **Decoupling Capacitors:** 0.1µF and 1µF ceramic capacitors placed close to the VDD/VSS pins. 2. **Reset Circuit:** A pull-up resistor (approx. 10kΩ) on the RESET pin. 3. **LDO/Voltage Regulator:** To provide a stable 3.3V or 5V rail from a higher DC source. 4. **Debugging Header:** SWD (Serial Wire Debug) pins for programming.
    ✨ Follow-up Questions
    • ⤷ What are the specific motor control algorithms supported by this MCU group?
    • ⤷ Can you provide the pinout diagram details for the LQFP64 package of this part?
    • ⤷ How does the A-PMD unit differ from standard PWM timers in this model?