Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H38FDD-R

  • AI
    The **M3H38FDD-R** belongs to the **M3H Group** of the TXZ+ Family Advanced Series, manufactured by **Toshiba**. This microcontroller is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14x14mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Core Functional Blocks The "Electronic Parts" or internal peripherals of this MCU are optimized for real-time applications: #### A. Analog-to-Digital Converter (ADC) * **High Speed:** Equipped with 12-bit ADC units. * **Conversion Time:** Capable of high-speed sampling (approx. 1.0 $\mu$s conversion time), essential for monitoring motor current and voltage in real-time. #### B. Advanced Programmable Motor Control (A-PMD) * This is a specialized circuit for generating 3-phase PWM waveforms. * It includes a **dead-time insertion** feature to prevent short circuits in inverter bridges. * It can be synchronized with the ADC to trigger measurements at specific points in the PWM cycle. #### C. Connectivity and Interfaces * **UART/SIO:** For standard asynchronous communication. * **I2C/EI2C:** For peripheral sensor interfacing. * **TSPI:** High-speed serial peripheral interface. #### D. Safety and Reliability * **Hardware CRC:** Used for memory integrity checks. * **Watchdog Timer:** Prevents system hang-ups. * **LVD (Low Voltage Detection):** Triggers a reset or interrupt if the power supply drops below a safe threshold. --- ### 3. Application Use Cases Due to its high clock speed and specialized motor control timers, the M3H38FDD-R is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small-scale factory automation and pump controllers. 3. **Consumer Electronics:** Devices requiring precise motion control and high-efficiency power management. --- ### 4. Part Number Decoder (Breakdown) * **M3H:** Group name (Cortex-M3 High-speed). * **38:** Indicates specific pin count and feature set. * **F:** 512 KB Flash memory. * **DD:** Package and specific sub-version identifiers. * **R:** Tape and Reel packaging (commercial delivery format).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H38FDD-R in sleep mode?
    • ⤷ Does this microcontroller support Field Oriented Control (FOC) for brushless motors?
    • ⤷ What development tools or IDEs are compatible with Toshiba TXZ+ series?