Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H41FCG-R

  • AI
    The **M3H41FCG-R** is a high-performance microcontroller unit (MCU) belonging to the **TXZ+™ Family Advanced Series** developed by Toshiba. It is based on the ARM® Cortex®-M3 core and is specifically designed for motor control and industrial automation. --- ### 1. Core Technical Specifications The M3H series is built for efficiency and high-speed data processing. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 128 KB (Program) + 32 KB (Data) | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm) | --- ### 2. Key Integrated Electronic Components The "FCG-R" variant includes several specialized hardware blocks that reduce the need for external components: #### A. Analog-to-Digital Converter (ADC) * **High Speed:** Features a 12-bit ADC with a conversion speed of approximately 1.5 $\mu s$. * **Channels:** Supports up to 16-20 channels depending on the specific pinout configuration. * **Purpose:** Essential for sensing current and voltage in motor feedback loops. #### B. Advanced Programmable Motor Control (A-PMD) * This is a dedicated hardware logic block designed to generate 3-phase PWM (Pulse Width Modulation) signals. * It includes built-in dead-time insertion and emergency shutdown features to protect power transistors (IGBTs/MOSFETs). #### C. Connectivity Interfaces The chip integrates multiple communication peripherals: * **UART:** For asynchronous serial communication. * **I2C / SPI:** For interfacing with sensors and external EEPROM. * **TSPI:** Toshiba's high-speed serial peripheral interface. --- ### 3. Application Use Cases Due to its 5V support and robust motor control peripherals, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioner compressors, and refrigerators. 2. **Industrial Equipment:** Small-scale robotic arms, pump controllers, and fans. 3. **Consumer Electronics:** Power tools and smart home hubs. --- ### 4. Part Number Decoder Understanding the suffix helps in sourcing the exact component: * **M3H:** ARM Cortex-M3 High-speed series. * **41:** Functional sub-group (peripherals/pin count). * **F:** Flash Memory size indicator. * **CG:** Package type (LQFP). * **-R:** Indicates "Tape and Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H41FCG-R in sleep mode?
    • ⤷ Does this MCU support hardware-based Vector Control for motors?
    • ⤷ What development tools or IDEs are recommended for the Toshiba TXZ+ series?