Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H41TBD-R

  • AI
    The **M3H41TBD-R** is a high-performance **Silicon Carbide (SiC) MOSFET Module** manufactured by Mitsubishi Electric. It is part of the M3H series, designed primarily for high-efficiency power conversion in industrial and automotive applications. --- ## 1. Core Specifications The device is characterized by its high voltage rating and low switching losses compared to traditional Silicon IGBTs. | Parameter | Specification | | :--- | :--- | | **Device Type** | SiC MOSFET Module | | **Circuit Configuration** | 2-in-1 (Half-Bridge) | | **Voltage Rating ($V_{DSS}$)** | 1200V | | **Current Rating ($I_{D}$)** | ~400A (varies by thermal conditions) | | **Technology** | 3rd Generation SiC Trench Gate | | **Package Type** | TBD-R (Low Inductance Package) | --- ## 2. Key Electronic Features ### A. SiC Trench Gate Structure Unlike planar MOSFETs, the **Trench Gate** architecture allows for a higher cell density. This significantly reduces the **$R_{DS(on)}$** (On-resistance) per unit area, leading to lower conduction losses. ### B. High-Speed Switching SiC is a wide-bandgap material, allowing the M3H41TBD-R to switch at much higher frequencies than silicon counterparts. * **Reduced Switching Loss:** Minimal reverse recovery charge ($Q_{rr}$) of the internal body diode. * **Increased Power Density:** Higher frequencies allow for smaller external components (inductors and capacitors). ### C. Low Inductance Package (TBD-R) The "R" suffix often denotes a specialized terminal layout or internal busbar design meant to minimize **stray inductance**. * Reduces voltage spikes ($V = L \cdot di/dt$) during high-speed turn-off. * Protects the gate oxide from ringing and oscillations. ### D. Thermal Performance SiC modules can operate at higher junction temperatures (typically up to $175^\circ C$). The module utilizes high-thermal-conductivity substrates (like AlN or $Si_3N_4$) to ensure heat is efficiently moved from the die to the baseplate. --- ## 3. Typical Applications * **Renewable Energy:** Centralized solar inverters and wind power converters. * **EV Infrastructure:** High-power DC fast chargers (Level 3). * **Industrial Drives:** High-efficiency motor controllers and UPS (Uninterruptible Power Supplies). * **Medical Equipment:** High-voltage power supplies for X-ray and MRI machines. --- ## 4. Design Considerations ```markdown 1. Gate Driving: Requires a specialized gate driver capable of providing -5V to +18V (or +20V) to ensure complete turn-off and minimize RDS(on). 2. Protection: Active Miller Clamping is recommended due to the high dV/dt rates. 3. Cooling: Liquid cooling or high-performance forced-air heatsinks are required for 400A+ operations. ```
    ✨ Follow-up Questions
    • ⤷ How does the M3H41TBD-R compare to an IGBT module of the same voltage rating?
    • ⤷ What are the recommended gate drive voltage levels for Mitsubishi SiC modules?
    • ⤷ What is the importance of low stray inductance in SiC module packaging?