Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H42TAD-R

  • AI
    The **M3H42TAD-R** is a specific variant of a semiconductor component, typically associated with Power MOSFETs or Integrated Circuits produced by manufacturers like **Renesas** (part of the M3H series). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M3H42TAD-R is designed for high-efficiency power management and switching applications. It belongs to a family of N-channel enhancement mode MOSFETs, often utilized in automotive or industrial power supplies. ### 2. Technical Specifications The following table outlines the typical electrical parameters for this class of component: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | - | | **Drain-Source Voltage ($V_{DSS}$)** | 40 - 60 | V | | **Continuous Drain Current ($I_D$)** | 30 - 50 | A | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | < 10 | mΩ | | **Package Type** | DPAK (TO-252) or HSON | - | | **Operating Temperature** | -55 to +175 | °C | ### 3. Key Electronic Features * **Low $R_{DS(on)}$:** The device is engineered to have very low internal resistance when fully turned on. This minimizes power dissipation (heat) during operation. * **Logic Level Drive:** It can often be driven directly by microcontrollers or logic gates because the gate-source threshold voltage ($V_{GS(th)}$) is relatively low. * **AEC-Q101 Compliance:** If marked with an "R" suffix in certain series, it often indicates adherence to automotive reliability standards, meaning it is robust against thermal cycling and vibration. * **Fast Switching:** Optimized gate charge ($Q_g$) characteristics allow the part to turn on and off rapidly, which is essential for High-Frequency DC-DC converters. ### 4. Common Applications 1. **Motor Control:** Used in H-bridge circuits for brushed or brushless DC motors. 2. **Power Distribution:** Acting as a high-side switch for load protection. 3. **Synchronous Rectification:** Replacing diodes in power supplies to improve efficiency. 4. **Automotive Electronics:** Powering body control modules (BCM) or lighting systems. --- ### 5. Pin Configuration (Typical DPAK) If the part is in a standard DPAK/TO-252 package, the pinout is generally as follows: ```text Pin 1: Gate (G) - Controls the turning ON/OFF of the device. Pin 2: Drain (D) - Connected to the load (often the tab/heatsink). Pin 3: Source (S) - Connected to the ground or negative rail. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M3H42TAD-R?
    • ⤷ Can you provide the maximum gate-source voltage for this part?
    • ⤷ How does the 'R' suffix impact the ordering code or packaging?