Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H42TCD-R

  • AI
    The **M3H42TCD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Series** microcontrollers, manufactured by **Toshiba Electronic Devices & Storage Corporation**. These are 32-bit microcontrollers based on the ARM® Cortex®-M3 core. --- ### 1. Key Technical Specifications The M3H42TCD-R is designed for high-speed data processing and motor control applications. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory (Code)** | 512 KB | | **RAM** | 66 KB (including 2KB backup RAM) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Functional Blocks and Features #### A. High-Performance Analog * **ADC (Analog-to-Digital Converter):** It features a high-speed 12-bit ADC (approx. 1.5 $\mu$s conversion time) with multiple channels, essential for sensor feedback in motor control. * **DAC (Digital-to-Analog Converter):** Includes a 2-channel 8-bit DAC. #### B. Specialized Motor Control Units * **A-PMD (Advanced Programmable Motor Driver):** This is a dedicated hardware block for generating 3-phase PWM waveforms with dead-time control, reducing CPU load during motor commutation. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoders for precise position and speed sensing. #### C. Communication Interfaces The device is equipped with various industry-standard protocols: * **UART:** Up to 5 channels. * **I2C:** 4 channels (supporting Multi-master). * **TSPI:** 4 channels (Serial Peripheral Interface). --- ### 3. Application Areas The M3H42TCD-R is primarily used in industrial and consumer electronics where reliability and real-time control are required: 1. **Home Appliances:** Washing machines, air conditioners (inverter control), and refrigerators. 2. **Industrial Equipment:** Small-to-medium power motor drives and factory automation controllers. 3. **Consumer Electronics:** High-end office automation and printers. --- ### 4. Part Number Decoding (Suffixes) * **M3H:** Group Name (ARM Cortex-M3 High-performance). * **42:** Specific feature set/Pin count indicator. * **T:** Temperature range specification. * **CD:** Flash Memory size (512KB). * **-R:** Indicates the packaging type (usually Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes available for the M3H42TCD-R?
    • ⤷ How does the A-PMD block improve motor control efficiency compared to standard PWM?
    • ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ+ microcontrollers?