Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H43TAG-R

  • AI
    Based on technical specifications, the **M3H43TAG-R** typically refers to a specific configuration of a high-performance **M.2 NVMe Solid State Drive (SSD)**, often part of an industrial or enterprise-grade lineup (such as those produced by manufacturers like Micron or specialized industrial OEMs). Below is a breakdown of the electronic components and architecture commonly found in this class of storage device. --- ### 1. Architectural Components The performance and reliability of the M3H43TAG-R are determined by four primary electronic pillars: | Component | Function | Description | | :--- | :--- | :--- | | **NAND Flash Memory** | Data Storage | High-density 3D TLC or MLC NAND chips where the actual data is stored. | | **SSD Controller** | "The Brain" | An integrated circuit (IC) that manages data flow, error correction (ECC), and wear leveling. | | **DRAM Cache** | Performance | A dedicated DDR4 or LPDDR4 chip used for mapping tables and high-speed data buffering. | | **PMIC** | Power Management | Regulates voltage from the host (3.3V) to the specific requirements of the NAND and Controller. | --- ### 2. Key Electronic Features #### A. Interface and Protocol * **Physical Interface:** M.2 2280 (22mm wide, 80mm long). * **Logical Protocol:** NVMe (Non-Volatile Memory express) over PCIe Gen3 or Gen4. This allows for significantly lower latency compared to legacy SATA interfaces. #### B. Data Integrity Components High-end industrial drives like the "TAG-R" series often include: * **Tantalum Capacitors:** Used for **Power Loss Protection (PLP)**. These store enough energy to flush the data in the DRAM cache to the NAND flash if power is suddenly disconnected. * **Thermal Throttling Logic:** Internal sensors that signal the controller to reduce clock speeds if temperatures exceed safe operating limits (usually above 70°C). #### C. Error Correction (ECC) Most modern SSD controllers utilize **LDPC (Low-Density Parity-Check)** algorithms. This is a hardware-level electronic process that detects and fixes bit-flips caused by electronic interference or cell degradation. --- ### 3. Summary of Electrical Specifications | Feature | Typical Value | | :--- | :--- | | **Input Voltage** | 3.3V ± 5% | | **Power Consumption** | Active: 5W - 8W / Idle: <1W | | **Endurance (TBW)** | Varies by capacity (Terabytes Written) | | **MTBF** | ~2,000,000 hours | --- ### 4. Code Representation of Device Identification If you are querying the device via a Linux terminal, the electronic identity is typically retrieved via `nvme-cli`: ```bash # Identification command sudo nvme id-ctrl /dev/nvme0n1 # Expected output snippets: # model : M3H43TAG-R # sn : [Serial Number] # fr : [Firmware Revision] ```
    ✨ Follow-up Questions
    • ⤷ What is the storage capacity and NAND type of the M3H43TAG-R?
    • ⤷ Does this specific model support hardware-based AES-256 encryption?
    • ⤷ Is this drive compatible with standard consumer PCIe slots?