Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H43TCD-R

  • AI
    The **M3H43TCD-R** is an N-Channel Power MOSFET, typically utilized in high-efficiency power management and switching applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview This component is designed using advanced Trench MOSFET technology, which allows for low on-state resistance ($R_{DS(on)}$) and high-speed switching capabilities. | Feature | Description | | :--- | :--- | | **Polarity** | N-Channel | | **Technology** | Trench Power MOSFET | | **Typical Package** | TO-252 (DPAK) or similar (varies by manufacturer) | | **Primary Use** | DC-DC Converters, Motor Drivers, Power Switches | --- ### 2. Electrical Characteristics These parameters define the operational limits and performance of the device. | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 - 40 | V | | **Continuous Drain Current** | $I_D$ | 30 - 45 | A | | **Pulsed Drain Current** | $I_{DM}$ | 100+ | A | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$20 | V | | **Static On-Resistance** | $R_{DS(on)}$ | < 10 - 15 | $m\Omega$ | --- ### 3. Key Electronic Components & Internal Logic The "M3H43TCD-R" is comprised of several functional internal elements: 1. **Trench Gate Structure:** Unlike planar MOSFETs, the gate is built into a "trench" in the silicon. This increases the density of the channels, reducing the resistance and heat generation. 2. **Body Diode:** It contains an integrated source-drain diode (freewheeling diode) which provides a path for reverse current, protecting the device during inductive switching. 3. **Gate Charge ($Q_g$):** It is optimized for low gate charge, meaning it requires very little energy from the driver circuit to turn "ON" or "OFF," facilitating high-frequency operation. --- ### 4. Typical Application Circuit When integrating this part into a circuit, it usually functions as a "Low-Side Switch." ```cpp // Schematic Concept [Positive Rail (+V)] --- [Load] --- [Drain (M3H43TCD-R)] | [Control Signal] ------- [Resistor]--[Gate] | [Ground (0V)] -----------------------[Source] ``` --- ### 5. Thermal and Safety Features * **Low Thermal Resistance:** Designed to transfer heat efficiently from the junction to the PCB trace. * **Avalanche Ruggedness:** Capable of handling brief voltage spikes above its rated $V_{DSS}$ without immediate failure, provided the energy levels are within limits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H43TCD-R?
    • ⤷ Can you provide a comparison between this N-Channel MOSFET and a P-Channel equivalent?
    • ⤷ What are the recommended gate driver circuits for this specific MOSFET?