Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H44FBD-R

  • AI
    The **M3H44FBD-R** belongs to the **TOSHIBA TXZ+ Family** (M3H Group). This is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core. It is designed specifically for motor control, consumer electronics, and industrial automation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14x14mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Core Functional Blocks #### A. Advanced Programmable Motor Control (A-PMD) The "M" in M3H signifies its strength in motor applications. It features a specialized motor control circuit capable of: * Three-phase PWM output. * Synchronized control with the ADC for precise current sensing. * Emergency stop functions via external input pins. #### B. Analog-to-Digital Converter (ADC) It includes a high-speed, high-resolution **12-bit ADC**. This is critical for capturing sensor data (like temperature, pressure, or motor position) with high accuracy and low latency. #### C. Communication Interfaces The chip is equipped with multiple standard protocols to interact with other electronic parts: * **UART:** For serial communication. * **I2C:** For peripheral sensors and EEPROMs. * **TSPI:** Toshiba's high-speed Serial Peripheral Interface. --- ### 3. Part Number Decoder Understanding the "M3H44FBD-R" suffix helps identify the specific physical characteristics: * **M3H:** The Group name (ARM Cortex-M3 High-speed). * **4:** Performance / Feature set indicator. * **4:** Memory density (512KB Flash). * **F:** Pin count (100 pins). * **BD:** Package type (LQFP). * **-R:** Indicates "Tape and Reel" packaging for automated assembly. --- ### 4. Application Examples Due to its 5V support and robust motor control peripherals, it is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Small pumps, fans, and factory automation sensors. 3. **Power Management:** Digital power supply controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H and M4K groups in the Toshiba TXZ+ family?
    • ⤷ How does the A-PMD unit simplify BLDC motor control?
    • ⤷ Is there a recommended development board for testing the M3H44FBD-R?