Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H44FCG-R

  • AI
    ## M3H44FCG-R: Electronic Overview The **M3H44FCG-R** is a specific part number belonging to the **TOSHIBA TXZ+™ Family (Advanced Class)** of microcontrollers. It is based on the **ARM® Cortex®-M3** core and is designed for high-performance control applications, particularly in home appliances and industrial equipment. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB (including 2 KB of Data Flash) | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Core Architecture and Performance The "M3H" group is optimized for real-time control. * **High-Speed Processing:** Operating at **120 MHz**, it handles complex calculations for motor control or sensor fusion efficiently. * **DMA Controller:** Includes a multi-channel DMA to reduce CPU load during data transfers between peripherals and memory. * **Code Security:** Features a memory protection unit (MPU) to prevent unauthorized access to specific memory blocks. --- ### 3. Integrated Peripherals The M3H44FCG-R is rich in analog and communication interfaces: #### Analog Functions * **12-bit ADC:** High-speed Analog-to-Digital converter for precise sensor readings. * **8-bit DAC:** For generating analog waveforms or control signals. #### Communication Interfaces * **UART / SIO:** Multiple channels for serial communication. * **I2C / EI2C:** Support for standard and fast-mode Inter-Integrated Circuit communication. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed synchronous data exchange. #### Timers and Control * **T32A (32-bit Timer Event Counter):** Versatile timer for PWM generation or input capture. * **A-PMD (Advanced Programmable Motor Control Circuit):** Specialized hardware to control 3-phase brushless DC motors, reducing the software overhead for motor commutation. --- ### 4. Typical Applications Due to its 5V support and motor control hardware, this part is commonly found in: * **Consumer Electronics:** Washing machines, air conditioners, and refrigerators. * **Industrial Automation:** Small-scale PLC (Programmable Logic Controllers) and motor drive units. * **Office Equipment:** Printers and multifunction devices. --- ### 5. Part Number Breakdown * **M3H:** ARM Cortex-M3 High-speed group. * **4:** Performance/Flash memory tier identifier. * **4:** Feature set (indicates specific peripheral mix). * **FCG:** Package code (LQFP100). * **-R:** Indicates tape and reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ How does the A-PMD circuit simplify motor control programming for this MCU?
    • ⤷ What are the power consumption characteristics of the M3H44FCG-R in sleep mode?
    • ⤷ Is there a dedicated evaluation board available for the TXZ+ M3H series?