Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H44FDD-R

  • AI
    The **M3H44FDD-R** is a specific high-performance power semiconductor component, typically classified as an **N-Channel Power MOSFET** or a specialized power module depending on the manufacturer (most commonly associated with advanced power management systems). Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. Technical Specifications This component is designed for high-efficiency switching and power conversion. Here are the typical parameters for this class of device: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Utilizes electrons as charge carriers for high speed. | | **Drain-Source Voltage ($V_{DSS}$)** | 40V - 60V | The maximum voltage the device can handle across its output. | | **Continuous Drain Current ($I_D$)** | 40A - 100A | High current handling capability for motor drives. | | **$R_{DS(on)}$ (Resistance)** | < 5 mΩ | Ultra-low "on" resistance to minimize heat loss. | | **Package Type** | DFN / SOP-8 / TO-252 | Surface-mount design for compact PCB layouts. | --- ### 2. Key Internal Electronic Parts The device is comprised of several critical internal structures: * **Silicon Die (MOSFET):** The core semiconductor material, usually processed using Trench technology to achieve high cell density and low resistance. * **Gate Oxide Layer:** A thin insulating layer that controls the flow of current between the Source and Drain via a voltage signal. * **Internal Body Diode:** A parasitic diode formed during manufacturing that allows for freewheeling current in inductive loads (like motors). * **Source/Drain Leads:** Heavy-duty internal connections designed to handle high thermal dissipation and high current density. --- ### 3. Application Areas The electronic characteristics of the M3H44FDD-R make it suitable for the following circuits: 1. **DC-DC Converters:** Stepping down voltages in computing or automotive electronics. 2. **Motor Control:** Used in H-Bridge configurations to control the speed and direction of DC motors. 3. **Battery Management Systems (BMS):** Serving as a high-speed switch for battery protection and charging. 4. **Load Switching:** Turning peripheral power on/off in high-efficiency portable devices. --- ### 4. Circuit Implementation Example When integrating this part into a circuit, a Gate Driver is typically required to overcome the input capacitance ($C_{iss}$). ```cpp // Example: PWM Control Logic for M3H44FDD-R void setup() { pinMode(9, OUTPUT); // Connects to Gate Driver Input } void loop() { analogWrite(9, 128); // 50% Duty Cycle to modulate power } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M3H44FDD-R?
    • ⤷ Can this MOSFET be used in logic-level (3.3V) switching?
    • ⤷ What are the recommended heat sinking strategies for this package?