Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H44TAG-R

  • AI
    ## Overview of M3H44TAG-R The **M3H44TAG-R** is an Electronic Shelf Label (ESL) or digital tag, typically manufactured by companies like **SOLUM** (a Samsung Electro-Mechanics spinoff). These devices are designed to replace traditional paper price tags in retail environments, using low-power wireless communication and E-Paper displays. --- ### Core Electronic Components The internal architecture of the M3H44TAG-R consists of several key electronic subsystems: | Component Category | Part / Technology Used | Function | | :--- | :--- | :--- | | **Display Panel** | E-Ink / E-Paper (EPD) | Provides high-contrast, multi-color (Black/White/Red) visuals. Consumes power only when updating. | | **Microcontroller (MCU)** | ARM Cortex-based | The "brain" that manages data processing, image rendering, and sleep modes. | | **RF Transceiver** | 2.4GHz IEEE 802.15.4 | Handles wireless communication with the ESL Gateway (Access Point). | | **Power Source** | Lithium Coin Cell Batteries | Typically 2x CR2450 or similar, providing 5–10 years of life. | | **NFC Chip** | Integrated Passive NFC | Allows for "tap-to-pair" functionality or smartphone interaction. | | **LED Indicator** | Multi-color LED | Used for flashing alerts (e.g., "Out of Stock" or "Order Picking"). | --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Communication Protocol** | Proprietary 2.4GHz (Zigbee-based architecture) | | **Display Colors** | Typically 3-Color (Black, White, Red) | | **Operating Temperature** | 0°C to 40°C (Standard Retail Environment) | | **Battery Life** | Up to 10 years (based on 2 updates per day) | | **Encryption** | AES-128 bit for secure data transmission | --- ### Key Electronic Features 1. **Bistable Display Technology**: The E-ink screen is bistable, meaning the electronics only draw current when the image changes. Once the price is set, the image remains visible even if the batteries are removed. 2. **Ultra-Low Power Wake-up**: The RF circuit spends most of its time in a "Deep Sleep" state. It periodically wakes up for a few milliseconds to check for "Heartbeat" signals from the central server to see if a price update is pending. 3. **NFC Integration**: The inclusion of an NFC antenna allows store associates to link a product's barcode to the specific tag using a handheld PDA or smartphone. --- ### Typical Circuit Block Diagram ```mermaid graph LR A[Battery CR2450] --> B[Power Management IC] B --> C[MCU / CPU] C --> D[2.4GHz Radio] C --> E[E-Ink Display Driver] C --> F[NFC Interface] D <--> G[Internal Antenna] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I replace the batteries in the M3H44TAG-R?
    • ⤷ What is the specific display resolution of this ESL model?
    • ⤷ Can this tag be used in freezer environments (-20°C)?