Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H45FCG-R

  • AI
    The **M3H45FCG-R** is a high-performance, N-channel enhancement mode Power MOSFET designed by **NEC (Renesas Electronics)**. It is primarily used for high-speed switching and power management in automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The M3H45FCG-R is built using advanced silicon technology to minimize energy loss during operation. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Enhancement mode MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 45V | Maximum voltage across drain and source | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm$20V | Voltage range to trigger the gate | | **Drain Current ($I_D$)** | ~30A to 50A* | Continuous current handling capability | | **On-Resistance ($R_{DS(on)}$)** | Low (m$\Omega$ range) | Resistance when the device is fully ON | | **Package Type** | TO-252 (DPAK) | Surface-mount power package | *\*Current ratings depend on heat dissipation and specific thermal mounting.* --- ## 2. Key Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** This reduces conduction losses, meaning the component generates less heat while carrying high current. * **High-Speed Switching:** Optimized gate charge ($Q_g$) allows the MOSFET to turn on and off rapidly, which is essential for high-frequency DC-DC converters. * **Avalanche Ruggedness:** Designed to withstand transient voltage spikes (Avalanche Energy) that often occur in inductive load switching (like motors). * **Thermal Efficiency:** The TO-252 package provides a large metal tab for effective heat transfer to the PCB. --- ## 3. Pinout Configuration The device follows the standard power MOSFET pinout for the TO-252/DPAK package: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Connected to the load (usually the metal tab). 3. **Source (S):** Connected to the ground or negative side of the circuit. --- ## 4. Typical Applications The M3H45FCG-R is typically found in the following electronic environments: * **Automotive Electronics:** Power steering systems, ABS, and fuel injection control. * **DC-DC Converters:** Step-down (Buck) or Step-up (Boost) voltage regulators. * **Motor Control:** Driving DC brushless motors or solenoid actuators. * **Power Management:** Battery protection circuits and load switching. --- ## 5. Comparative Summary Compared to standard transistors, the M3H45FCG-R offers: * **Lower power dissipation** due to specialized trench technology. * **Higher reliability** under harsh thermal conditions.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M3H45FCG-R?
    • ⤷ What is the maximum power dissipation rating for this MOSFET in a standard circuit?
    • ⤷ How do I calculate the gate resistor value for this specific N-Channel MOSFET?