Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H46TAG-R

  • AI
    The **M3H46TAG-R** belongs to the Renesas **M3H Group** of microcontrollers, which is part of the **RA Family** (specifically based on the Arm® Cortex®-M33 core). These components are designed for industrial and consumer applications requiring low power consumption and high functional safety. --- ## 1. Technical Specifications Overview The "M3H46TAG-R" identifier corresponds to a specific configuration of memory, pins, and thermal rating. | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M33 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 1 MB | | **SRAM** | 128 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | TQFP-100 (14x14 mm, 0.5 mm pitch) | | **Temperature Range** | -40°C to +85°C | --- ## 2. Key Electronic Functional Blocks The internal circuitry is divided into several specialized units that handle processing, sensing, and communication: ### A. Analog Peripherals This chip is heavily geared toward sensor interfacing and motor control: * **ADC (Analog-to-Digital Converter):** Dual 12-bit units with high-speed sampling. * **DAC (Digital-to-Analog Converter):** 8-bit or 12-bit units for signal generation. * **Comparators:** High-speed analog comparators for over-current protection. ### B. Communication Interfaces It supports standard industrial protocols: * **CAN FD:** High-speed Controller Area Network for automotive and industrial bus systems. * **UART/SPI/I2C:** Multiple channels for interfacing with sensors and displays. * **USB 2.0:** Full-speed device/host support. ### C. Timers and Control * **PWM Timers:** Advanced 16-bit and 32-bit timers specifically optimized for 3-phase motor control and power conversion. * **RTC:** Real-time clock for time-keeping applications. --- ## 3. Reliability and Security The M3H series integrates specific electronic hardware to ensure system stability: 1. **TrustZone®:** Hardware-level isolation for secure data processing. 2. **ECC (Error Correction Code):** The SRAM includes ECC to detect and correct single-bit errors, preventing system crashes in noisy environments. 3. **WDT (Watchdog Timer):** Independent clock source to reset the MCU if the software hangs. --- ## 4. Application Examples Due to its 5V support and Cortex-M33 core, this part is commonly found in: * **Home Appliances:** Washing machines and air conditioners (motor control). * **Industrial Automation:** Sensor hubs and programmable logic controllers (PLCs). * **Power Management:** Inverters and battery management systems.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M3H group and the M4H group in Renesas MCUs?
    • ⤷ How does the TrustZone feature enhance security in the M3H46TAG-R?
    • ⤷ Which development tools are recommended for programming this specific microcontroller?