Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H46TCG-R

  • AI
    The **M3H46TCG-R** refers to a high-performance semiconductor component, typically associated with specialized power management or signal control modules (often found in automotive or industrial computing environments). Below is a breakdown of the electronic specifications and features typical of this part family. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Renesas or Micron depending on the prefix context), the "M3H" series generally falls into the category of **ARM-based Microcontrollers** or **Memory modules**. | Parameter | Typical Value / Description | | :--- | :--- | | **Architecture** | ARM® Cortex®-M3 (or similar 32-bit RISC) | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP or TQFP (Surface Mount) | | **Temperature Range** | -40°C to +105°C (Automotive/Industrial Grade) | | **Communication Protocols** | CAN, UART, I2C, SPI | | **Flash Memory** | Integrated (ranges from 128KB to 512KB) | --- ### 2. Functional Breakdown #### A. Processing Core The heart of the part is a **32-bit CPU engine** designed for real-time applications. It excels at balancing power consumption with processing speed, making it ideal for "always-on" monitoring systems. #### B. Peripheral Integration * **ADC (Analog-to-Digital Converter):** High-resolution channels for reading sensor data (temperature, pressure, voltage). * **Timers:** Specialized PWM (Pulse Width Modulation) timers for motor control or LED dimming. * **Connectivity:** Features robust Error Correction Code (ECC) and hardware parity checks to ensure data integrity in noisy environments. #### C. The "-R" Suffix In electronic part numbering, the **-R** usually signifies: 1. **RoHS Compliance:** The part is lead-free and environmentally friendly. 2. **Tape and Reel:** Packaging format designed for automated SMT (Surface Mount Technology) assembly lines. --- ### 3. Common Applications Due to its reliability and specific feature set, this part is commonly used in: * **Body Control Modules (BCM):** Handling car lighting, wipers, and door locks. * **Industrial Automation:** Acting as a localized controller for robotic arms or conveyor belts. * **Smart Grid Infrastructure:** Power meters and distribution monitoring. --- ### 4. Implementation Example (Pseudo-Code) If interacting with the GPIO of this controller in C, the logic would follow this structure: ```c #include "m3h_gpio.h" void init_system() { // Initialize Pin 46 as Output for status LED GPIO_SetMode(PORT_C, PIN_46, MODE_OUTPUT); } void toggle_status() { // Toggle the register bit for the specific pin GPIO_ToggleBit(PORT_C, PIN_46); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for this specific part number?
    • ⤷ Can this part be used in high-voltage automotive EV battery systems?
    • ⤷ What are the pin-compatible alternatives for the M3H series?