Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H47FDD-R

  • AI
    The **M3H47FDD-R** refers to a high-performance **Synchronous Buck Power Block** (MOSFET module), typically manufactured by companies like ON Semiconductor (onsemi). These components are designed to replace discrete MOSFETs in DC-DC converters to save space and improve efficiency. --- ## 1. Technical Specifications The M3H47FDD-R integrates two MOSFETs (High-side and Low-side) and often a Schottky diode into a single package. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Dual N-Channel MOSFET (Power Block) | | **Drain-Source Voltage ($V_{DS}$)** | 25V - 30V | | **Continuous Drain Current ($I_D$)** | ~40A - 60A (Thermal dependent) | | **Package Type** | PQFN / WDFN 5x6 (Power 56) | | **Configuration** | Half-Bridge / Synchronous Buck | --- ## 2. Internal Architecture The device is organized in a "Power Block" layout to optimize the layout of a switching regulator: 1. **Control MOSFET (High-Side):** Optimized for fast switching speeds to minimize switching losses. 2. **Sync MOSFET (Low-Side):** Optimized for ultra-low $R_{DS(on)}$ to minimize conduction losses. 3. **Integrated Diode:** Often includes a monolithic Body Recovery Diode to reduce "dead-time" losses and EMI. --- ## 3. Key Electronic Benefits Using an integrated part like the M3H47FDD-R provides several advantages over using two separate transistors: ### A. Low Parasitic Inductance By co-packaging the two MOSFETs, the "switch node" (the connection between the high and low side) is kept internal. This drastically reduces **Stray Inductance**, which minimizes voltage ringing and electromagnetic interference (EMI). ### B. Thermal Efficiency The package usually features an exposed metal pad on the bottom. This allows for direct soldering to the PCB copper planes, acting as a massive heat sink for high-current applications. ### C. Space Saving It reduces the PCB footprint by roughly **40-60%** compared to using two discrete DPAK or SO-8 MOSFETs. --- ## 4. Typical Applications This component is commonly found in power management stages for: * **Computing:** CPU/GPU VRM (Voltage Regulator Modules) in motherboards. * **Telecom:** High-density DC-DC brick converters. * **Industrial:** Point-of-Load (PoL) modules for FPGAs and ASICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum junction temperature for the M3H47FDD-R?
    • ⤷ How does its RDS(on) compare to discrete MOSFET alternatives?
    • ⤷ Can this part be used in automotive applications?