Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H47TAD-R

  • AI
    The **M3H47TAD-R** is a specific surface-mount power MOSFET, typically manufactured by **Renesas Electronics**. It is designed for high-efficiency power management applications. --- ### 1. Key Technical Specifications The "M3H47TAD" belongs to the N-channel enhancement mode MOSFET family, optimized for low gate charge and low on-resistance. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Channel Type** | N-Channel | Standard polarity for power switching | | **Drain-Source Voltage ($V_{DSS}$)** | 40V | Maximum voltage across drain and source | | **Continuous Drain Current ($I_D$)** | ~80A to 100A | High current capability (depending on cooling) | | **$R_{DS(on)}$ (Max)** | ~1.5 to 2.5 mΩ | Extremely low resistance to reduce heat loss | | **Package Type** | HWSON-8 / TSON-8 | High thermal efficiency surface mount package | | **Operating Temp** | -55°C to +150°C | Standard industrial/automotive range | --- ### 2. Physical Construction and Package The suffix **"-R"** usually denotes the packaging format, specifically **Tape & Reel**, intended for automated Pick-and-Place assembly lines. * **Package Layout:** It utilizes a bottom-side thermal pad. This pad must be soldered to a large copper plane on the PCB to dissipate heat effectively. * **Gate Protection:** These MOSFETs often include built-in protection diodes to prevent electrostatic discharge (ESD) damage during handling. --- ### 3. Functional Roles in Circuitry In a typical electronic design, the M3H47TAD-R serves several critical roles: 1. **DC-DC Converters:** Acts as the switching element in Buck or Boost converters to step down or step up voltages for CPUs and GPUs. 2. **Load Switching:** Used to turn power rails on or off within a laptop or server motherboard. 3. **Battery Management (BMS):** Functions as a protection switch to disconnect the battery in case of overcurrent or short circuits. 4. **Motor Control:** Utilized in H-bridge configurations for driving small DC motors or BLDC motors. --- ### 4. Advantages * **High Power Density:** Large current handling in a very small physical footprint. * **Efficiency:** Low $R_{DS(on)}$ means less energy is wasted as heat, which is critical for battery-powered devices. * **Fast Switching:** Low gate capacitance allows the part to switch on and off rapidly without significant switching losses. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended PCB footprint dimensions for the TSON-8 package?
    • ⤷ How does the M3H47TAD-R compare to its P-channel equivalents?
    • ⤷ What is the maximum gate-source voltage (Vgs) for this specific MOSFET?