Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H52FAG-R

  • AI
    The **M3H52FAG-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Magnachip Semiconductor**. It is primarily designed for high-efficiency power management and switching applications. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the component: | Parameter | Symbol | Typical Value/Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~52A (varies by thermal design) | | **RDS(on) Max (at Vgs=10V)** | $R_{DS(ON)}$ | ~5.0 - 6.5 mΩ | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Package Type** | PDFN33 | Surface Mount (3x3mm) | --- ### 2. Physical and Structural Parts The "parts" or internal structure of the M3H52FAG-R include: * **Trench Gate Technology:** This MOSFET uses a trench structure to reduce the "on-resistance" ($R_{DS(ON)}$), allowing for higher current density and lower heat generation. * **PDFN33 Package:** A small-form-factor leadless package (3mm x 3mm) that provides excellent thermal dissipation despite its size. * **Source/Drain Leads:** Large copper contact pads on the bottom of the package designed for high-current flow and heat sinking to the PCB. --- ### 3. Functional Features * **Low Gate Charge ($Q_g$):** This allows for high-speed switching, reducing power loss during the transition between ON and OFF states. * **AEC-Q101 Compliance (Optional):** Many parts in this series are rated for automotive use, though the "-R" suffix usually denotes "Tape and Reel" packaging. * **Logic Level Drive:** It can be fully turned on with low gate voltages, making it compatible with many microcontrollers and PWM controllers. --- ### 4. Common Applications Due to its high current handling and low resistance, it is found in: 1. **DC-DC Converters:** Point-of-load power supplies for motherboards and servers. 2. **Battery Management Systems (BMS):** Protection circuits for Li-ion battery packs. 3. **Motor Drivers:** Controlling small DC motors in consumer electronics. 4. **Load Switches:** Turning high-current peripherals on or off. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H52FAG-R?
    • ⤷ How does the RDS(on) change if the gate voltage is reduced to 4.5V?
    • ⤷ What are the recommended PCB footprint dimensions for the PDFN33 package?