Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H53TAG-R

  • AI
    The **M3H53TAG-R** is a high-performance **NFC (Near Field Communication) / RFID Transponder IC** specifically designed for automotive and industrial applications. It is part of the broader families used for vehicle access, immobilizers, and asset tracking. --- ## 1. Core Technical Specifications The device functions as a programmable tag or transponder, typically operating in the High Frequency (HF) range. | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz (NFC Type 4 compliant) | | **Memory Capacity** | Typically 2KB to 8KB EEPROM (depending on sub-version) | | **Communication Interface** | ISO/IEC 14443-A | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | TSSOP or specialized Leadless packages | | **Operating Temperature** | -40°C to +105°C (Automotive Grade) | --- ## 2. Key Electronic Components & Features The internal architecture of the M3H53TAG-R consists of several critical stages: ### A. RF Front-End * **Analog Interface:** Harvests energy from the magnetic field generated by the reader. * **Modulator/Demodulator:** Converts the analog RF waves into digital signals (and vice versa) for the logic unit to process. ### B. Security Engine * **Encryption:** Features hardware-accelerated AES-128 or proprietary encryption algorithms. * **Authentication:** Supports mutual authentication protocols to prevent unauthorized access or "cloning" of the key/tag. ### C. Non-Volatile Memory (EEPROM) * Used for storing unique identification (UID), configuration data, and user-specific information. * **Data Retention:** Usually rated for 10+ years. * **Write Endurance:** High cycle count (typically 100,000+ cycles). --- ## 3. Typical Applications The "TAG" designation suggests its primary use is as the responding element in a wireless handshake: 1. **Automotive Keyless Entry:** Used in key fobs or "Smart Cards" for vehicle access. 2. **Immobilizer Systems:** Provides the secure handshake necessary to start the engine. 3. **Secure Logistics:** Tracking high-value components where data integrity and encryption are required. 4. **Device Pairing:** Simplifying Bluetooth or Wi-Fi pairing via NFC tap. --- ## 4. Connection & Pinout Overview *Note: Pinouts can vary by package style, but generally include:* * **LA / LB:** Connections to the external resonant loop antenna. * **VSS / GND:** System ground. * **VCC:** Power supply (if used in active mode; otherwise powered by RF field). * **I/O / SDA / SCL:** Some variants include an I2C interface for communication with an external Microcontroller (MCU). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M3H53TAG-R and standard NTAG chips?
    • ⤷ Can this chip be programmed using a standard smartphone NFC reader?
    • ⤷ What is the typical range for the 13.56 MHz antenna used with this part?