Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H54FBD-R

  • AI
    The **M3H54FBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Series**. It is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core, specifically designed for motor control and industrial automation. --- ### 1. Core Technical Specifications The following table highlights the primary hardware parameters of the M3H54FBD-R: | Feature | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14x14mm) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Key Peripheral Modules The "M3H" group is known for its robust set of peripherals tailored for power management and mechanical control. #### A. Analog-to-Digital Conversion (ADC) * **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approximately 1.5 $\mu s$. * **Precision:** Supports multiple channels (up to 21 channels) allowing for simultaneous monitoring of motor phase currents and sensor voltages. #### B. Motor Control Timer (A-PMD) * The **Advanced Programmable Motor Control Circuit (A-PMD)** is a specialized hardware block that handles 3-phase PWM output. * It includes built-in dead-time insertion and emergency shutdown features (via the OVV input) to protect power transistors. #### C. Communication Interfaces * **UART/SIO:** Up to 6 channels. * **I2C:** 4 channels for peripheral sensor communication. * **TSPI:** 4 channels (High-speed Serial Peripheral Interface). --- ### 3. Application Use Cases Due to its 5V operation capability and ARM-based processing power, this part is commonly used in: 1. **Consumer Electronics:** Washing machines, air conditioners (inverter control), and refrigerators. 2. **Industrial Equipment:** Small-scale PLC (Programmable Logic Controllers) and factory automation sensors. 3. **Office Automation:** High-speed printers and scanners requiring precise motor positioning. --- ### 4. Part Number Decoder (M3H54FBD-R) * **M3H:** Group name (ARM Cortex-M3 High-speed). * **54:** Pin count and memory configuration identifier. * **F:** 512 KB Flash memory size. * **BD:** Package code (LQFP100). * **-R:** Indicates "RoHS Compliant" and Tape/Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the A-PMD module for motor control?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ How does the 5V operating voltage compare to standard 3.3V ARM microcontrollers in industrial settings?