Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H55FBD-R

  • AI
    The **M3H55FBD-R** is a specific part number typically associated with **DRAM Memory Modules**, specifically fully buffered DIMMs (FB-DIMMs) produced by manufacturers like Micron or Samsung. This specific part is often found in legacy server environments (such as Dell PowerEdge or HP ProLiant servers) utilizing the Intel Xeon 5000/5400 series chipsets. Below is an explanation of the electronic components and technical specifications. --- ### 1. Technical Specifications The part number follows a specific nomenclature used in the memory industry. Here is the breakdown of its primary electronic characteristics: | Characteristic | Specification | | :--- | :--- | | **Memory Type** | DDR2 SDRAM | | **Form Factor** | FB-DIMM (Fully Buffered Dual Inline Memory Module) | | **Capacity** | 4GB (Typical for this series) | | **Speed** | PC2-5300F (667 MHz) | | **Error Correction** | ECC (Error Correction Code) | | **Rank** | 2Rx4 (Dual Rank) | | **Voltage** | 1.8V | --- ### 2. Key Electronic Components An FB-DIMM module like the M3H55FBD-R is more complex than standard desktop RAM because it includes active logic chips: #### A. Advanced Memory Buffer (AMB) This is the most critical electronic part on the module. Unlike standard RAM where the memory controller communicates directly with the DRAM chips, FB-DIMMs use the **AMB**. * **Function:** It converts the high-speed serial interface from the memory controller into the parallel signals required by the DDR2 chips. * **Thermal Note:** AMB chips generate significant heat, which is why these modules almost always have large metal heat spreaders. #### B. DRAM Chips These are the physical storage units. * **Architecture:** Usually organized in a **x4** or **x8** width. * **Density:** Higher density chips are used to reach the 4GB capacity on a single stick. #### C. EEPROM (SPD - Serial Presence Detect) A small 8-pin chip that stores data about the module's timings, voltage, and manufacturer. The BIOS reads this chip during POST to configure the memory controller correctly. #### D. Passives (Capacitors and Resistors) The PCB is populated with Surface Mount Device (SMD) capacitors to filter power noise and resistors to terminate signals, ensuring signal integrity across the high-speed serial bus. --- ### 3. Use Case and Compatibility Because of the **FB-DIMM** architecture, this part is physically and electrically incompatible with standard DDR2 desktop slots. * **Connector:** It features a unique notch position to prevent insertion into non-buffered slots. * **Primary Use:** High-reliability servers and workstations (e.g., Mac Pro 2006-2008, Dell Precision T7400). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an FB-DIMM and a Registered DIMM (RDIMM)?
    • ⤷ Why do FB-DIMM modules require large metal heat sinks?
    • ⤷ Can I use M3H55FBD-R in a standard DDR2 desktop motherboard?