Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H57TBD-R

  • AI
    The **M3H57TBD-R** is a specific evaluation board (Starter Kit) for the **Renesas RA4M3** microcontroller group. It is designed to allow developers to prototype and test the capabilities of this ARM Cortex-M33 based 32-bit MCU. --- ## 1. Core Component: Renesas RA4M3 MCU The heart of this board is the microcontroller. Here are its primary technical specifications: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M33 (with TrustZone) | | **Clock Speed** | Up to 100 MHz | | **Flash Memory** | Up to 1 MB | | **SRAM** | 128 KB | | **Voltage Range** | 2.7V to 3.6V | | **Security** | Secure Crypto Engine (SCE9) | --- ## 2. Key Electronic On-Board Parts The board includes several peripheral components to support the MCU operations and user interaction: ### A. Power Management * **USB-to-Serial/Power:** Usually powered via a Micro-USB or USB-C connector which also serves as the debugging interface. * **Voltage Regulators:** LDO (Low Drop-Out) regulators that convert 5V USB power to the 3.3V required by the MCU. ### B. Connectivity & Expansion * **Pin Headers:** Provides access to all MCU pins (GPIOs, SPI, I2C, UART, ADC) for breadboarding or connecting external sensors. * **PMOD Interface:** Standardized connectors for adding peripheral modules like OLED displays, GPS, or Wi-Fi modules. ### C. Human-Machine Interface (HMI) * **User LEDs:** Typically 2 or 3 programmable LEDs for status indication or debugging. * **Push Buttons:** Includes a Reset button and at least one User programmable button for input interrupts. ### D. Debugging Hardware * **On-board Segger J-Link:** Most Renesas boards in this series include an integrated J-Link debugger/programmer, meaning you do not need an external hardware tool to upload code. --- ## 3. Communication Protocols Supported The board's layout and the RA4M3 chip support the following electronic communication standards: 1. **CAN Flash:** Support for Controller Area Network (CAN2.0B). 2. **USB 2.0 Full Speed:** Integrated USB FS Controller. 3. **SCI (Serial Communication Interface):** Configurable as UART, SPI, or I2C. 4. **QSPI:** For connecting to high-speed external memory. --- ## 4. Typical Applications * **Industrial Control:** Due to the robust ARM Cortex-M33 core. * **IoT Gateways:** Utilizing the security features (TrustZone) for encrypted data transmission. * **Home Automation:** Interfacing with sensors and actuators via GPIO.
    ✨ Follow-up Questions
    • ⤷What software tools are used to program the M3H57TBD-R board?
    • ⤷ Does the RA4M3 MCU on this board support hardware-level security?
    • ⤷ How do I power the board if not using a USB connection?